Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 5Page - NXP Semiconductors TDA9554PS Datasheet HTML 6Page - NXP Semiconductors TDA9554PS Datasheet HTML 7Page - NXP Semiconductors TDA9554PS Datasheet HTML 8Page - NXP Semiconductors TDA9554PS Datasheet HTML 9Page - NXP Semiconductors TDA9554PS Datasheet HTML 10Page - NXP Semiconductors TDA9554PS Datasheet HTML 11Page - NXP Semiconductors TDA9554PS Datasheet HTML 12Page - NXP Semiconductors TDA9554PS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 125 page
background image
2000 Jun 22
9
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
PINNING (GENERAL VERSION)
SYMBOL
PIN
DESCRIPTION
P1.3/T1
1
port 1.3 or Counter/Timer 1 input
P1.6/SCL
2
port 1.6 or I2C-bus clock line
P1.7/SDA
3
port 1.7 or I2C-bus data line
P2.0/TPWM
4
port 2.0 or Tuning PWM output
P3.0/ADC0
5
port 3.0 or ADC0 input
P3.1/ADC1
6
port 3.1 or ADC1 input
P3.2/ADC2
7
port 3.2 or ADC2 input
P3.3/ADC3
8
port 3.3 or ADC3 input
VSSC/P
9
digital ground for
µ-Controller core and periphery
P0.5
10
port 0.5 (8 mA current sinking capability for direct drive of LEDs)
P0.6
11
port 0.6 (8 mA current sinking capability for direct drive of LEDs)
VSSA
12
analog ground of Teletext decoder and digital ground of TV-processor
SECPLL
13
SECAM PLL decoupling
VP2
14
2nd supply voltage TV-processor (+8V)
DECDIG
15
supply voltage of digital circuit of TV-processor
PH2LF
16
phase-2 filter
PH1LF
17
phase-1 filter
GND3
18
ground 3 for TV-processor
DECBG
19
bandgap decoupling
AVL/EWD
/DECSDEM (1)
20
Automatic Volume Levelling (90
° versions) / E-W drive output (110° versions) /
decoupling sound demodulator (QSS version in AM/FM mode)
VDRB
21
vertical drive B output
VDRA
22
vertical drive A output
IFIN1
23
IF input 1
IFIN2
24
IF input 2
IREF
25
reference current input
VSC
26
vertical sawtooth capacitor
AGCOUT
27
tuner AGC output
AUDEEM/SIFIN1(1)
28
audio deemphasis or SIF input 1
DECSDEM/SIFIN2(1)
29
decoupling sound demodulator or SIF input 2
GND2
30
ground 2 for TV processor
SNDPLL/SIFAGC/ (1)
31
narrow band PLL filter or AGC sound IF
AVL/SNDIF/REF0/
AMOUT/AUDEEM(1)
32
Automatic Volume Levelling / sound IF input / subcarrier reference output / AM
output (non controlled) / audio deemphasis (QSS version in AM/FM mode)
HOUT
33
horizontal output
FBISO
34
flyback input/sandcastle output
AUDEXT/QSSO
/AMOUT (1)
35
external audio output / QSS intercarrier out / AM audio output (non controlled)
EHTO
36
EHT/overvoltage protection input
PLLIF
37
IF-PLL loop filter
IFVO/SVO
38
IF video output / selected CVBS output
VP1
39
supply voltage TV processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com