| Electronic Components Datasheet Search |
|
TDA9554PS Datasheet(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA9554PS Datasheet(HTML) 26 Page - NXP Semiconductors |
|
26 / 125 page ![]() 2000 Jun 22 26 Philips Semiconductors Tentative Device Specification TV signal processor-Teletext decoder with embedded µ-Controller TDA955X/6X/8X PS/N1 series BKGND IN 0 - Background colour not displayed inside teletext boxes 1 - Background colour displayed inside teletext boxes COR OUT 0 - COR not active outside teletext and OSD boxes 1 - COR active outside teletext and OSD boxes COR IN 0 - COR not active inside teletext and OSD boxes 1 - COR active inside teletext and OSD boxes TEXT OUT 0 - TEXT not displayed outside teletext boxes 1 - TEXT displayed outside teletext boxes TEXT IN 0 - TEXT not displayed inside teletext boxes 1 - TEXT displayed inside teletext boxes PICTURE ON OUT 0 - VIDEO not displayed outside teletext boxes 1 - VIDEO displayed outside teletext boxes PICTURE ON IN 0 - VIDEO not displayed inside teletext boxes 1 - VIDEO displayed inside teletext boxes TXT7 STATUS ROW TOP CURSOR ON REVEAL BOTTOM/ TOP DOUBLE HEIGHT BOX ON 24 BOX ON 1-23 BOX ON 0 00H STATUS ROW TOP 0 - Display memory row 24 information below teletext page (on display row 24) 1 - Display memory row 24 information above teletext page (on display row 0) CURSOR ON 0 - Disable display of cursor 1 - Display cursor at position given by TXT9 and TXT10 REVEAL 0 - Display as spaces characters in area with conceal attribute set 1 - Display characters in area with conceal attribute set BOTTOM/TOP 0 - Display memory rows 0 to 11 when double height bit is set 1 - Display memory rows 12 to 23 when double height bit is set DOUBLE HEIGHT 0 - Display each characters with normal height 1 - Display each character as twice normal height. BOX ON 24 0 - Disable display of teletext boxes in memory row 24 1 - Enable display of teletext boxes in memory row 24 BOX ON 1-23 0 - Disable display of teletext boxes in memory row 1 to 23 1 - Enable display of teletext boxes in memory row 1 to 23 BOX ON 0 0 - Disable display of teletext boxes in memory row 0 1 - Enable display of teletext boxes in memory row 0 TXT8 (Reserved) 0 FLICKER STOP ON HUNT DISABLE SPANISH PKT 26 RECEIVED WSS RECEIVED WSS ON (Reserved) 0 00H FLICKER STOP ON 0 - Enable ‘Flicker Stopper’ circuitry 1 - Disable ‘Flicker Stopper’ circuitry HUNT 0 - Allow automatic hunting for amplitude of data to be acquired 1 - Disable automatic hunting for amplitude DISABLE SPANISH 0 - Enable special treatment of Spanish packet 26 characters 1 - Disable special treatment of Spanish packet 26 characters Names BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 RESET Table 3 SFR Bit description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |