Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 43 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 39Page - NXP Semiconductors TDA9554PS Datasheet HTML 40Page - NXP Semiconductors TDA9554PS Datasheet HTML 41Page - NXP Semiconductors TDA9554PS Datasheet HTML 42Page - NXP Semiconductors TDA9554PS Datasheet HTML 43Page - NXP Semiconductors TDA9554PS Datasheet HTML 44Page - NXP Semiconductors TDA9554PS Datasheet HTML 45Page - NXP Semiconductors TDA9554PS Datasheet HTML 46Page - NXP Semiconductors TDA9554PS Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 125 page
background image
2000 Jun 22
43
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
• TXT:This is the display configured as the WST mode
with additional serial and global attributes to enable
the same functionality as the SAA5497 (ETT)
device.The display is configured as a fixed 25 rows
with 40 characters per row.
• CC:This is the display configured as the US Closed
Caption mode with the same functionality as the
PC83C771 device. The display is configured as a
maximum of 16 rows with a maximum of 48
characters per row.
In both of the above modes the Character matrix, and TV
lines per row can be defined. There is an option of 9, 10,
13 & 16 TV lines per display row, and a Character matrix
(HxV) of 12x9, 12x10, 12x13, or 12x16. Not all
combinations of TV lines per row and maximum display
rows give a sensible OSD display, since there is limited
number of TV scan lines available.
Special Function Register, TXT21 is used to control the
character matrix and lines per row.
Display Features available in each mode
The following is a list of features available in each mode.
Each setting can either be a serial or parallel attribute, and
some have a global effect on the display.
Feature
TXT
CC
Flash
serial
serial
Boxes
Txt/OSD (Serial)
serial
Horizontal Size
x1/x2/x4 (serial)
x1/x2 (serial)
Vertical Size
x1/x2 (serial)
x4 (global)
x1/x2 (serial)
Italic
N/A
serial
Foreground
colours
8 (serial)
8+8 (parallel)
Background
colours
8 (serial)
16 (serial)
Soft Colours
(CLUT)
16 from 4096
16 from 4096
Underline
N/A
serial
Overline
N/A
serial
Fringe
N+S+E+W
N+S+E+W
Fringe Colour
16 (Global)
16 (Serial)
Meshing of
Background
Black or Colour
(Global)
All (Global)
Fast Blanking
Polarity
YES
YES
Screen Colour
16 (Global)
16 (Global)
DRCS
32 (Global)
32 (Global)
Character Matrix
(HxV)
12x9/10/13/16
12x9/10/13/16
No. of Rows
25
16
No. of Columns
40
48
No of Characters
displayable
1000
768
Cursor
YES
YES
Special Graphics
(2 planes per
character)
16
16
Scroll
NO
YES
Table 12 Display Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com