Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 16Page - NXP Semiconductors TDA9554PS Datasheet HTML 17Page - NXP Semiconductors TDA9554PS Datasheet HTML 18Page - NXP Semiconductors TDA9554PS Datasheet HTML 19Page - NXP Semiconductors TDA9554PS Datasheet HTML 20Page - NXP Semiconductors TDA9554PS Datasheet HTML 21Page - NXP Semiconductors TDA9554PS Datasheet HTML 22Page - NXP Semiconductors TDA9554PS Datasheet HTML 23Page - NXP Semiconductors TDA9554PS Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 125 page
background image
2000 Jun 22
20
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
P
Parity bit.
PWM0
PW0E
1
PW0V<5>
PW0V<4>
PW0V<3>
PW0V<2>
PW0V<1>
PW0V<0>
40H
PW0E
0 - Disable Pulse Width Modulator 0.
1 - Enable Pulse Width Modulator 0.
PW0V<5:0>
Pulse Width Modulator high time.
PWM1
PW1E
1
PW1V<5>
PW1V<4>
PW1V<3>
PW1V<2>
PW1V<1>
PW1V<0>
40H
PW1E
0 - Disable Pulse Width Modulator 1.
1 - Enable Pulse Width Modulator 1.
PW1V<5:0>
Pulse Width Modulator high time.
PWM2
PW2E
1
PW2V<5>
PW2V<4>
PW2V<3>
PW2V<2>
PW2V<1>
PW2V<0>
40H
PW2E
0 - Disable Pulse Width Modulator 2.
1 - Enable Pulse Width Modulator 2.
PW2V<5:0>
Pulse Width Modulator high time.
PWM3
PW3E
1
PW3V<5>
PW3V<4>
PW3V<3>
PW3V<2>
PW3V<1>
PW3V<0>
40H
PW3E
0 - Disable Pulse Width Modulator 3.
1 - Enable Pulse Width Modulator 3.
PW3V<5:0>
Pulse Width Modulator high time.
ROMBK
STANDBY
IIC_LUT<1>
IIC_LUT<0>
000
ROMBK<1>
ROMBK<0>
00H
STANDBY
0 - Disable Stand-by Mode
1 - Enable Stand-by Mode
IIC_LUT<1:0>
IIC Lookup table selection:
IIC_LUT<1:0>=00, 558 Normal Mode.
IIC_LUT<1:0>=01, 558 Fast Mode.
IIC_LUT<1:0>=10, 558 Slow Mode.
IIC_LUT<1:0>=11, Reserved.
ROMBK<1:0>
ROM Bank selection
ROMBK<1:0>=00, Bank0
ROMBK<1:0>=01, Bank1
ROMBK<1:0>=10, Bank2
ROMBK<1:0>=11, Reserved
S1ADR
ADR<6>
ADR<5>
ADR<4>
ADR<3>
ADR<2>
ADR<1>
ADR<0>
GC
00H
ADR<6:0>
I2C Slave Address.
GC
0 - Disable I2C general call address.
1 - Enable I2C general call address.
S1CON
CR<2>
ENSI
STA
STO
SI
AA
CR<1>
CR<0>
00H
CR<2:0>
Clock rate bits.
IIC rates are selectable (three tables)
ENSI
0 - Disable I2C interface.
1 - Enable I2C interface.
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
Table 3
SFR Bit description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com