Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 107 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 103Page - NXP Semiconductors TDA9554PS Datasheet HTML 104Page - NXP Semiconductors TDA9554PS Datasheet HTML 105Page - NXP Semiconductors TDA9554PS Datasheet HTML 106Page - NXP Semiconductors TDA9554PS Datasheet HTML 107Page - NXP Semiconductors TDA9554PS Datasheet HTML 108Page - NXP Semiconductors TDA9554PS Datasheet HTML 109Page - NXP Semiconductors TDA9554PS Datasheet HTML 110Page - NXP Semiconductors TDA9554PS Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 125 page
background image
2000 Jun 22
107
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Fig. 30 Volume control curve
0
-20
-40
-60
-80
010
20
30
40
DAC (HEX)
dB
Fig. 31 Peaking control curve.
Overshoot in direction ‘black’.
0
10
20
30
40
DAC (HEX)
20
40
60
80
%
−20
0
Fig.32 Hue control curve.
+50
+30
+10
−10
−30
−50
(deg)
0
10
20
30
40
DAC(HEX)
Fig. 33 Saturation control curve.
MLA740 - 1
250
25
0
(%)
0
10203040
DAC (HEX)
50
75
100
125
150
175
200
225
300
250
200
150
100
50
0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com