Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 119 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 115Page - NXP Semiconductors TDA9554PS Datasheet HTML 116Page - NXP Semiconductors TDA9554PS Datasheet HTML 117Page - NXP Semiconductors TDA9554PS Datasheet HTML 118Page - NXP Semiconductors TDA9554PS Datasheet HTML 119Page - NXP Semiconductors TDA9554PS Datasheet HTML 120Page - NXP Semiconductors TDA9554PS Datasheet HTML 121Page - NXP Semiconductors TDA9554PS Datasheet HTML 122Page - NXP Semiconductors TDA9554PS Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 125 page
background image
2000 Jun 22
119
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
TEST AND APPLICATION INFORMATION
East-West output stage
In order to obtain correct tracking of the vertical and
horizontal EHT-correction, the EW output stage should be
dimensioned as illustrated in Fig.49.
Resistor REW determines the gain of the EW output stage.
Resistor Rc determines the reference current for both the
vertical sawtooth generator and the geometry processor.
The preferred value of Rc is 39 kΩ which results in a
reference current of 100
µA (Vref = 3.9 V).
The value of REW must be:
Example: With Vref = 3.9 V; Rc =39kΩ and Vscan = 120 V
then REW =68kΩ.
R
EW
R
c
V
scan
18
V
ref
×
-----------------------
×
=
handbook, full pagewidth
MLA744 - 1
TDA8366
HORIZONTAL
DEFLECTION
STAGE
DIODE
MODULATOR
VDD
V scan
V EW
Rew
EW output
stage
EWD
Csaw
100 nF
(5%)
Vref
Rc
39 k
Ω
(2%)
I ref
43
49
50
Fig. 49 East-West output stage.
TDA
935X
21
28
27
UOC series
15
20
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com