Electronic Components Datasheet Search
  English  ▼

X  

AD9554 Datasheet(PDF) 113 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 113 Page - Analog Devices

Back Button AD9554 Datasheet HTML 108Page - Analog Devices AD9554 Datasheet HTML 109Page - Analog Devices AD9554 Datasheet HTML 110Page - Analog Devices AD9554 Datasheet HTML 111Page - Analog Devices AD9554 Datasheet HTML 112Page - Analog Devices AD9554 Datasheet HTML 113Page - Analog Devices AD9554 Datasheet HTML 114Page - Analog Devices AD9554 Datasheet HTML 115Page - Analog Devices AD9554 Datasheet HTML 116Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 113 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 113 of 116
Bits[D7:D0] Value
Output Function
Source Proxy
0xB3
REFD active (any PLL)
Register 0x0D05, Bit 4||Bit 5||Bit 6||Bit 7
0xC0
DPLL_0 phase locked
Register 0x0D20, Bit 1
0xC1
DPLL_0 frequency locked
Register 0x0D20, Bit 2
0xC2
APLL_0 frequency lock
Register 0x0D20, Bit 3
0xC3
APLL_0 cal in process
Register 0x0D20, Bit 4
0xC4
DPLL_0 active
Logical OR of Bit 4 in Register 0x0D02
through Register 0x0D05
0xC5
DPLL_0 in free run mode
Register 0x0D21, Bit 0
0xC6
DPLL_0 in holdover
Register 0x0D21, Bit 1
0xC7
DPLL_0 switching
Register 0x0D21, Bit 2
0xC8
DPLL_0 history available
Register 0x0D22, Bit 0
0xC9
DPLL_0 history updated
Register 0x0D0C, Bit 4 (IRQ does not
need to be set for this setting to work)
0xCA
DPLL_0 clamp
Register 0x0D22, Bit 1
0xCB
DPLL_0 phase slew limited
Register 0x0D22, Bit 2
0xCC
PLL_0 clock distribution sync pulse
None
0xCD
DPLL_1 demapping controller clamped
Register 0x0D22, Bit 3
0xD0
DPLL_1 phase locked
Register 0x0D40, Bit 1
0xD1
DPLL_1 frequency locked
Register 0x0D40, Bit 2
0xD2
APLL_1 frequency lock
Register 0x0D40, Bit 3
0xD3
APLL_1 cal in process
Register 0x0D40, Bit 4
0xD4
DPLL_1 active
Logical OR of Bit 5 in Register 0x0D02
through Register 0x0D05
0xD5
DPLL_1 in free run mode
Register 0x0D41, Bit 0
0xD6
DPLL_1 in holdover
Register 0x0D41, Bit 1
0xD7
DPLL_1 in switchover
Register 0x0D41, Bit 2
0xD8
DPLL_1 history available
Register 0x0D42, Bit 0
0xD9
DPLL_1 history updated
Register 0x0D0F, Bit 4 (IRQ does not
need to be set for this setting to work)
0xDA
DPLL_1 clamp
Register 0x0D42, Bit 1
0xDB
DPLL_1 phase slew limited
Register 0x0D42, Bit 2
0xDC
PLL_1 clock distribution sync pulse
None
0xDD
DPLL_1 demapping controller clamped
Register 0x0D42, Bit 3
0xE0
DPLL_2 phase locked
Register 0x0D60, Bit 1
0xE1
DPLL_2 frequency locked
Register 0x0D60, Bit 2
0xE2
APLL_2 frequency lock
Register 0x0D60, Bit 3
0xE3
APLL_2 cal in process
Register 0x0D60, Bit 4
0xE4
DPLL_2 active
Logical OR of Bit 6 in Register 0x0D02
through Register 0x0D05
0xE5
DPLL_2 in free run mode
Register 0x0D61, Bit 0
0xE6
DPLL_2 in holdover
Register 0x0D61, Bit 1
0xE7
DPLL_2 in switchover
Register 0x0D61, Bit 2
0xE8
DPLL_2 history available
Register 0x0D62, Bit 0
0xE9
DPLL_2 history updated
Register 0x0D0C, Bit 4 (IRQ does not
need to be set for this setting to work)
0xEA
DPLL_2 clamp
Register 0x0D62, Bit 1
0xEB
DPLL_2 phase slew limited
Register 0x0D62, Bit 2
0xEC
PLL_2 clock distribution sync pulse
None
0xED
DPLL_2 demapping controller clamped
Register 0x0D62, Bit 4
0xF0
DPLL_3 phase locked
Register 0x0D80, Bit 1
0xF1
DPLL_3 frequency locked
Register 0x0D80, Bit 2
0xF2
APLL_3 frequency lock
Register 0x0D80, Bit 3
0xF3
APLL_3 cal in process
Register 0x0D80, Bit 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com