Electronic Components Datasheet Search
  English  ▼

X  

AD9554 Datasheet(PDF) 115 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 115 Page - Analog Devices

Back Button AD9554 Datasheet HTML 108Page - Analog Devices AD9554 Datasheet HTML 109Page - Analog Devices AD9554 Datasheet HTML 110Page - Analog Devices AD9554 Datasheet HTML 111Page - Analog Devices AD9554 Datasheet HTML 112Page - Analog Devices AD9554 Datasheet HTML 113Page - Analog Devices AD9554 Datasheet HTML 114Page - Analog Devices AD9554 Datasheet HTML 115Page - Analog Devices AD9554 Datasheet HTML 116Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 115 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 115 of 116
Bits[D7:D0] Value
Input Function
Destination Proxy
0x5C
PLL_1 manual reference input selection, Bit 0
Register 0x0A42, Bit 5
0x5D
PLL_1 manual reference input selection, Bit 1
Register 0x0A42, Bit 6
0x60
PLL_2 power-down
Register 0x0A60, Bit 0
0x61
DPLL_2 user free run
Register 0x0A62, Bit 0
0x62
DPLL_2 user holdover
Register 0x0A62, Bit 1
0x63
DPLL_2 tuning word history reset
Register 0x0A63, Bit 1
0x64
DPLL_2 increment phase offset
Register 0x0A64, Bit 0
0x65
DPLL_2 decrement phase offset
Register 0x0A64, Bit 1
0x66
DPLL_2 reset phase offset
Register 0x0A64, Bit 2
0x68
APLL_2 soft sync
Register 0x0A60, Bit 2
0x69
PLL_2 disable all output drivers
Register 0x0A61, Bits[3:2])
0x6A
PLL_2 disable OUT2A
Register 0x0A61, Bit 2
0x6B
PLL_2 disable OUT2B
Register 0x0A61, Bit 3
0x6C
PLL_2 manual reference input selection, Bit 0
Register 0x0A62, Bit 5
0x6D
PLL_2 manual reference input selection, Bit 1
Register 0x0A62, Bit 6
0x70
PLL_2 power-down
Register 0x0A60, Bit 0
0x71
DPLL_3 user free run
Register 0x0A82, Bit 0
0x72
DPLL_3 user holdover
Register 0x0A82, Bit 1
0x73
DPLL_3 tuning word history reset
Register 0x0A83, Bit 1
0x74
DPLL_3 increment phase offset
Register 0x0A84, Bit 0
0x75
DPLL_3 decrement phase offset
Register 0x0A84, Bit 1
0x76
DPLL_3 reset phase offset
Register 0x0A84, Bit 2
0x78
APLL_3 soft sync
Register 0x0A80, Bit 2
0x79
PLL_3 disable all output drivers
Register 0x0A81, Bits[3:2]
0x7A
PLL_3 disable OUT3A
Register 0x0A81, Bit 2
0x7B
PLL_3 disable OUT3B
Register 0x0A81, Bit 3
0x7C
PLL_3 manual reference input selection, Bit 0
Register 0x0A82, Bit 5
0x7D
PLL_3 manual reference input selection, Bit 1
Register 0x0A82, Bit 6
0x7E to 0x7F
Reserved
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com