Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 134 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 134 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 130Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 131Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 132Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 133Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 134Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 135Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 136Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 137Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 138Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
134
Data Sheet
Additional Status/Control Signals for Add-On Initi-
ated Bus Mastering
If a serial non-volatile memory is used to configure the
S5335, and the device is configured for Add-On initi-
ated bus mastering, two additional FIFO status signals
and four additional control signals are available to the
Add-On interface. The FRF and FWE outputs provide
additional FIFO status information. Inputs FRC#,
FWC#, AMREN, and AMWEN provide additional FIFO
control. Applications may use these signals to monitor/
control FIFO flags and PCI bus requests. These new
signals are some of the lines that were used for byte-
wide nvram interface, but now are reconfigured. The
reconfigured lines are as follows:
Outputs:
E_ADDR (15) FRF
FIFO Read Full: Indicates that the PCI to Add-On
FIFO is full.
E_ADDR (14) FWE
FIFO Write Empty: Indicates the last Add-On to PCI
FIFO. Data has transferred to a final buffer and is
queued for transfer, FIFO is empty.
Inputs:
EQ (7) AMWEN
Add-On bus Mastering Write ENable: This input is
driven high to enable bus master writes.
EQ (6) AMREN
Add-On bus Mastering Read ENable: This input is
driven high to enable bus master reads.
EQ (5) FRC#
FIFO Read Clear: This line is driven low to clear the
PCI to Add-On FIFO.
EQ (4) FWC#
FIFO Write Clear: This line is driven low to clear the
Add-On to PCI FIFO.
FRF (PCI to Add-On FIFO full) and FWE (Add-On to
PCI FIFO empty) supplement the RDEMPTY and
WRFULL status indicators. These additional status
outputs provide additional FIFO status information for
Add-On FIFO control logic.
Figure 82. Synchronous FIFO Register Burst RDFIFO# Access Example
BPCLK
DQ[31:0]
RDFIFO#
RDEMPTY
Data 1
Data 2
Data 0
FIFO Pointer Advances
Status Before Read
New Status
New Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com