Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 133 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 133 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 129Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 130Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 131Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 132Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 133Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 134Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 135Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 136Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 137Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
133
Data Sheet
the FIFO condition after it advances, and are updated
off of the rising edge of BPCLK. When RDFIFO# is
deasserted, the DQ bus floats. The n e xt time
RDFIFO# is asserted, data 2 is presented on the DQ
bus (as there was no BPCLK edge to advance the
FIFO).
A synchronous FIFO interface has the advantage of
allowing data to be accessed more quickly (in bursts)
by the Add-On. As a target, if a full S5335 FIFO is writ-
ten (or an empty FIFO is read) by a PCI initiator, the
S5335 requests a retry. The faster the Add-On inter-
face can empty (or fill) the FIFO, the less often retries
occur. With the S5335 as a PCI initiator, a similar situ-
ation occurs. Not emptying or filling the FIFO quickly
enough results in the S5335 giving up control of the
PCI bus. Higher PCI bus data transfer rates are possi-
ble through the FIFO with a synchronous interface.
Figure 81. Synchronous FIFO Register Burst Read Access Example
BE[3:0]#
BPCLK
ADR[6:2]
DQ[31:0]
SELECT#
RD#
RDEMPTY
Valid Byte Enables
FIFO Pointer Advances
Valid Address
Data 1
Data 2
Data 0
New Status
New Status
Status Before Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com