Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 140 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 140 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 136Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 137Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 138Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 139Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 140Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 141Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 142Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 143Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 144Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
140
Data Sheet
PASS-THRU OVERVIEW
The S5335 provides a simple registered access port to
the PCI bus. Using a handshaking protocol with Add-
On card logic, the PCI bus directly accesses resources
on the Add-On. The Pass-Thru data transfer method is
very useful for direct Add-On memory access, or
accessing registers within peripherals on an Add-On
board. Pass-Thru operation requires an external nv
memory boot device to define and configure the
S5335 Pass-Thru regions.
The S5335 provides four user-configurable Pass-Thru
regions. Each region corresponds to a PCI Configura-
tion Base Address Register (BADR1-4). A region
represents a block of address space (the block size is
user-defined). Each block can be mapped into mem-
ory or I/O space. Memory mapped regions can request
to be located below 1 MByte (Real Mode address
space for a PC). Each region also has a configurable
bus width for the Add-On bus interface. An 8-, 16-, or
32-bit Add-On interface may be selected, for use with
a variety of Add-On memory or peripheral devices.
Pass-Thru features can be used only when the S5335
is a PCI target. As a target, the S5335 Pass-Thru
mode supports single data transfers as well as burst
transfers. When accessed with burst transfers, the
S5335 supports data transfers at the full PCI band-
width. The data transfer rate is only limited by the PCI
initiator performing the access and the speed of the
Add-On logic.
FUNCTIONAL DESCRIPTION
To provide the PCI bus Add-On with direct access to
Add-On resources, the S5335 has an internal Pass-
Thru Address Register (APTA), and a Pass-Thru Data
Register (APTD). These registers are connected to
both the PCI bus interface and the Add-On bus inter-
face. This allows a PCI initiator to perform Pass-Thru
writes (data transferred from the PCI bus to the Add-
On bus) or Pass-Thru reads (PCI bus requests data
from the Add-On bus). The S5335 Pass-Thru interface
supports both single cycle (one data phase) and burst
accesses (multiple data phases).
Pass-Thru Transfers
Data transfers between the PCI bus and the Add-On
using the Pass-Thru interface are implemented with a
handshaking scheme. If the PCI bus writes to an
S5335 Pass-Thru region, Add-On logic must read the
data from the S5335 and store it on the Add-On. If the
PCI bus reads from a Pass-Thru region, Add-On logic
must write data to the S5335.
Some applications may require that an address be
passed to the Add-On for Pass-Thru accesses. For
example, a 4 Kbyte Pass-Thru region on the PCI bus
may correspond to a 4 Kbyte block of SRAM on the
Add-On card. If a PCI initiator accessed this region,
the Add-On would need to know the offset within the
memory device to access. The Pass-Thru Address
Register (APTA) allows the Add-On to access address
information for the current PCI cycle. When the PCI
bus performs burst accesses, the APTA register is
updated by the S5335 to reflect the address of the cur-
rent data phase.
For PCI writes to the Add-On, the S5335 transfers the
data from the PCI bus into the Pass-Thru Data Regis-
ter (APTD). The S5335 captures the data from the PCI
bus when TRDY# is asserted. The PCI bus then
becomes available for other transfers. When the Pass-
Thru data register becomes full, the S5335 asserts the
Pass-Thru status signals to indicate to the Add-On that
data is present. The Add-On logic may read the data
register and assert PTRDY# to indicate the current
access is complete. Until the current access com-
pletes, the S5335 responds to further Pass-Thru
accesses with retries.
For PCI reads from the Add-On, the S5335 asserts the
Pass-Thru status signals to indicate to the Add-On that
data is required. The Add-On logic should write to the
Pass-Thru Data Register and assert PTRDY# to com-
plete the access. The S5335 does not assert TRDY#
to the PCI bus until PTRDY# is asserted by Add-On
logic. If the Add-On cannot provide data quickly
enough, the S5335 signals a retry to the PCI bus. This
allows the PCI bus to perform other tasks, rather than
waiting for a slow target.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com