Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 141 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 141 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 137Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 138Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 139Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 140Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 141Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 142Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 143Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 144Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 145Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
141
Data Sheet
Pass-Thru Status/Control Signals
The S5335 Pass-Thru registers are accessed using
the standard Add-On register access pins. The Pass-
Thru Address Register (APTA) can, optionally, be
accessed using a single, direct access input, PTADR#.
Pass-Thru cycle status indicators are provided to con-
trol Add-On logic based on the type of Pass-Thru
access occurring (single cycle, burst, etc.). The follow-
ing signals are provided for Pass-Thru operation:
Pass-Thru Add-On Data Bus Sizing
Many applications require an 8-bit or 16-bit Add-On
bus interface. Pass-Thru regions can be configured to
support bus widths other than 32-bits. Each Pass-Thru
region can be defined, during initialization, as 8, 16-,
or 32-bits. All of the regions do not need to be the
same. This feature allows a simple interface to 8-and
16-bit Add-On devices.
To support alternate Add-On bus widths, the S5335
performs internal data bus steering. This allows the
Add-On interface to assemble and disassemble 32-bit
PCI data using multiple Add-On accesses to the Pass-
Thru Data Register (APTD). The Add-On byte enable
inputs (BE[3:0]#) are used to access the individual
bytes or words within APTD.
BUS INTERFACE
The Pass-Thru interface on the S5335 is a PCI target-
only function. Pass-Thru operation allows PCI initia-
tors to read or write resources on the Add-On card. A
PCI initiator may access the Add-On with single data
phase cycles or multiple data phase bursts.
The Add-On interface implements Pass-Thru status
and control signals used by logic to complete data
transfers initiated by the PCI bus. The Pass-Thru inter-
face is designed to allow Add-On logic to function with-
out knowledge of PCI bus activity. Add-On logic only
needs to react to the Pass-Thru status outputs. The
S5335 PCI interface independently interacts with the
PCI initiator to control data flow between the devices.
The following sections describe the PCI and Add-On
bus interfaces. The PCI interface description provides
a basic overview of how the S5335 interacts with the
PCI bus, and may be useful in system debugging. The
Add-On interface description indicates functions
required by Add-On logic and details the Pass-Thru
handshaking protocol.
PCI Bus Interface
The S5335 decodes all PCI bus cycle addresses. If
the address associated with the current cycle is to one
of S5335 Pass-Thru regions, DEVSEL# is asserted. If
the Pass-Thru logic is currently idle (not busy finishing
a previous Pass-Thru operation), the bus cycle type is
decoded and the Add-On Pass-Thru status outputs
are set to initiate a transfer on the Add-On side. If the
Pass-Thru logic is currently busy completing a previ-
ous access, the S5335 signals a retry to PCI initiator.
The following sections describe the behavior of the
PCI interface for Pass-Thru accesses to the S5335.
Single cycle accesses, burst accesses, and target-ini-
tiated retries are detailed.
PCI Pass-Thru Single Cycle Accesses
Single cycle transfers are the simplest PCI bus trans-
action. Single cycle transfers have an address phase
and a single data phase. The PCI bus transaction
starts when an initiator drives address and command
information onto the PCI bus and asserts FRAME#.
The initiator always deasserts frame before the last
data phase. For single cycle transfers, FRAME# is
only asserted during the address phase (indicating the
first data phase is also the last).
Signal
Function
PTATN#
This output indicates a Pass-Thru access
is occurring
PTBURST#
This output indicates the Pass-Thru
access is a PCI burst access
PTNUM[1:0]
These outputs indicate which Pass-Thru
region decoded the PCI address
PTBE[3:0]#
These outputs indicate which data bytes
are valid (PCI writes), or requested (PCI
reads)
PTWR
This output indicates if the Pass-Thru
access is a PCI read or a write
PTADR#
When asserted, this input drives the
Pass-Thru Address Register contents
onto the Add-On data bus
PTRDY#
When asserted, this input indicates the
current Pass-Thru transfer has been com-
pleted by the Add-On
BPCLK
Buffered PCI bus clock output (to syn-
chronize Pass-Thru data register
accesses)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com