Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 145 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 145 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 141Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 142Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 143Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 144Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 145Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 146Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 147Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 148Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 149Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
145
Data Sheet
Figure 84 shows a single cycle Pass-Thru write using
the Pass-Thru address information. This provides PCI
cycle address information to select a specific address
location within an Add-On memory or peripheral. Add-
On logic must latch the address for use during the data
transfer. Typically, the entire 32-bit address is not
required. The Add-On may implement a scheme
where only the required number of address bits are
latched. It may also be useful to use the Pass-Thru
region identifiers, PTNUM[1:0] as address lines. For
example, Pass-Thru region 1 might be a 64K block of
SRAM for data, while Pass-Thru region 2 might be
64K of SRAM for code storage (down-loaded from the
host during initialization). Using PTNUM0 as address
line A16 allows two unique Add-On memory regions to
be defined.
Figure 84. Single Cycle Pass-Thru Write with PTADR#
Clock 0:
The PCI bus cycle address information is stored in the S5335 Pass-Thru Address Register.
Clock 1:
The PCI address is recognized as a write to Pass-Thru region 1. The PCI data is stored in the S5335 Pass-Thru
Data Register. PTATN# is asserted to indicate a Pass-Thru access is occurring.
Clock 2:
Pass-Thru status signals indicate what action is required by Add-On logic. Pass-Thru status outputs are valid
when PTATN# is active and are sampled by the Add-On at the rising edge of clock 2.
PTBURST#
Deasserted. The access has a single data phase.
PTNUM[1:0]
01. Indicates the PCI access is to Pass-Thru region 1.
PTWR
Asserted. The Pass-Thru access is a write.
PTBE[3:0]#
0h. Indicates the Pass-Thru access is 32-bits.
SELECT#, address and byte enable inputs are driven to read the Pass-Thru Data Register at offset 2Ch.
DQ[31:0] are driven after RD# and SELECT# are asserted.
Clock 3:
If PTRDY# is asserted at the rising edge of clock 3, PTATN# is immediately deasserted and the Pass-Thru
access is completed at clock 4.
Clock 4:
If Add-On logic requires more time to read the Pass-Thru Data Register (slower memory or peripherals),
PTRDY# can be delayed, extending the cycle. With PTRDY# asserted at the rising edge of clock 4, PTATN# is
deasserted and the Pass-Thru access is completed at clock 5.
Clock 5:
PTATN# and PTBURST# deasserted at the rising edge of clock 5 indicates the Pass-Thru access is complete.
The S5335 can accept new Pass-Thru accesses from the PCI bus at clock 6.
BPCLK
0
1
2
3
4
5
6
0h
1
2Ch
0h
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]#
SELECT#
ADR[6:2]
BE[3:0]#
RD#
DQ[31:0]
PTRDY#
PTADR#
PT ADDR
PTDATA
PCI Write cycle completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com