Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 149 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 149 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 145Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 146Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 147Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 148Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 149Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 150Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 151Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 152Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 153Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
149
Data Sheet
Figure 85. Single Cycle Pass-Thru Read with PTADR#
Figure 86. Pass-Thru Burst Write
BPCLK
0
1
2
3
4
5
0h
1
2Ch
0h
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]#
SELECT#
ADR[6:2]
BE[3:0]#
WR#
DQ[31:0]
PTRDY#
PTADR#
PT ADDR
PT DATA
PCI Read cycle
completed
Data stored in Pass-Thru
data register
6
10
11
12
13
9
8
7
6
5
4
3
2
1
1
0
BPCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]#
0h
DATA1
PT ADDR
DATA2
DATA3
DATA4
XXXX
DATA5
DATA6
XXXX
XXXX
2Ch
0h
SELECT#
ADR[6:2]
PTRDY#
PTADR#
BE[3:0]#
RD#
DQ[31:0]
Valid PCI data on DQ bus
PCI Burst Write completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com