Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 150 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 150 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 146Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 147Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 148Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 149Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 150Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 151Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 152Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 153Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 154Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
150
Data Sheet
Figure 87 also shows a 5 data phase Pass-Thru burst
write, but the Add-On logic uses PTRDY# to control
the rate at which data is transferred. In many applica-
tions, Add-On logic is not fast enough to accept data at
every BPCLK rising edge (every 30 ns in a 33 MHz
PCI system). In this example, the Add-On interface
accepts data every other clock. In the example, RD# is
asserted during the entire Add-On burst, but it can be
deasserted when PTRDY# is deasserted, the S5335
functions the same under both conditions.
Figure 87. Pass-Thru Burst Writes Controlled by PTRDY#
10
11
12
13
9
8
7
6
5
4
3
2
1
0
1
0
BPCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]#
0h
Fh
DATA1
PT ADDR
DATA2
DATA3
DATA5
XXXX
DATA4
2Ch
0h
SELECT#
ADR[6:2]
PTRDY#
PTADR#
BE[3:0]#
RD#
DQ[31:0]
Valid PCI data on DQ bus
PCI Burst Write completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com