Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 147 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 147 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 143Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 144Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 145Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 146Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 147Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 148Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 149Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 150Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 151Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
147
Data Sheet
Single Cycle Pass-Thru Reads
A single cycle Pass-Thru read operation occurs when
a PCI initiator reads a single value from a Pass-Thru
region. PCI single cycle transfers consists of an
address phase and a one data phase. During the ad-
dress phase of the PCI transfer, the S5335 stores the
PCI address into the Pass-Thru Address Register
(APTA). If the S5335 determines that the address is
within one of its defined Pass-Thru regions, it indicates
to the Add-On that a write to the Pass-Thru Data Reg-
ister (APTD) is required.
Figure 85 shows a single cycle Pass-Thru read access
(Add-On write) using PTADR#. The Add-On reads
data from a source on the Add-On and writes it to the
APTD register.
Pass-Thru Burst Writes
A Pass-Thru burst write operation occurs when a PCI
initiator writes multiple values to a Pass-Thru region. A
PCI burst cycle consists of an address phase and mul-
tiple data phases. During the address phase of the
PCI transfer, the S5335 stores the PCI address into
the Pass-Thru Address Register (APTA). If the S5335
determines that the address is within one of its defined
Pass-Thru regions, it captures the PCI data into the
Pass-Thru Data Register (APTD). After the Add-On
completes each read from the Pass-Thru data register
(asserts PTRDY#), the next data phase is initiated.
Figure 86 shows a 6 data phase Pass-Thru burst write
(Add-On read). In this case, the Add-On asserts
PTADR# and then reads multiple data phases from the
S5335. This works well for Add-On logic which sup-
ports burst cycles. If the Add-On logic does not
support burst accesses, PTADR# may be pulsed
before each data phase. The S5335 automatically
increments the address in the APTA register during
PCI burst cycles. In this example PTRDY# is always
asserted, indicating Add-On logic is capable of accept-
ing data at a rate of one DWORD per clock cycle.
Clock 0:
PCI address information is stored in the S5335 Pass-Thru Address Register. The PCI cycle is recognized as an
access to Pass-Thru region 1. PTATN# is asserted by the S5335 to indicate a Pass-Thru access is occurring.
Clock 1:
Pass-Thru status signals indicate what action is required by Add-On logic. Pass-Thru status outputs are valid
when PTATN# is active and are sampled by the Add-On at the rising edge of clock 1.
PTBURST#
Deasserted. The access has a single data phase. PTNUM[1:0] 01. Indicates the PCI access was
to Pass-Thru region 1.
PTWR
Deasserted. The Pass-Thru access is a read.
PTBE[3:0]#
0h. Indicate the Pass-Thru access is 32-bits.
The PTADR# input is asserted to read the Pass-Thru Address Register. The byte enable, address, and SELECT#
inputs are changed during this clock to select the Pass-Thru Data Register during clock cycle 3.
Clock 2:
This clock is required to avoid contention on the DQ bus. Time must be allowed after PTADR# is deasserted for
the DQ outputs to float before Add-On logic attempts to write to the Pass-Thru Data Register.
Clock 3:
SELECT#, byte enables, and the address inputs remain valid to write the Pass-Thru Data Register at offset 2Ch.
If WR# is asserted at the rising edge of clock 3, data on the DQ bus is latched into APTD.
If PTRDY# is asserted at the rising edge of clock 3, PTATN# is immediately deasserted and the Pass-Thru
access is completed at clock 4.
Clock 4:
If Add-On logic requires more time to write the Pass-Thru data register (slower memory or peripherals), PTRDY#
can be delayed, extending the cycle. PTRDY# asserted at the rising edge of clock 4 causes PTATN# to be imme-
diately deasserted and the Pass-Thru access is completed at clock 5.
Clock 5:
PTATN# and PTBURST# deasserted at the rising edge of clock 5 indicates the Pass-Thru access is complete.
The S5335 can accept new Pass-Thru accesses from the PCI bus at clock 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com