Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 148 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 148 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 144Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 145Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 146Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 147Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 148Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 149Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 150Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 151Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 152Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
148
Data Sheet
Clock 0:
PCI address information is stored in the S5335 Pass-Thru Address Register.
Clock 1:
The PCI address is recognized as an access to Pass-Thru region 1. PCI data for the first data phase is stored in
the S5335 Pass-Thru Data Register. PTATN# is asserted by the S5335 to indicate a Pass-Thru access is occur-
ring.
Clock 2:
Pass-Thru status signals indicate what action is required by Add-On logic. Pass-Thru status outputs are valid
when PTATN# is active and are sampled by the Add-On at the rising edge of clock 2.
PTBURST#
Asserted. The access has a multiple data phases.
PTNUM[1:0]
01. Indicates the PCI access was to Pass-Thru region 1.
PTWR
Asserted. The Pass-Thru access is a write.
PTBE[3:0]#
0h. Indicate the Pass-Thru access is 32-bits.
The PTADR# input is asserted to read the Pass-Thru Address Register. The byte enable, address, and
SELECT# inputs are changed during this clock to select the Pass-Thru Data Register during clock cycle 3.
Clock 3:
SELECT#, byte enables, and the address inputs remain driven to read the Pass-Thru Data Register at offset
2Ch. RD# is asserted to drive data register contents onto the DQ bus.
Clock 4:
Add-On logic uses the rising edge of clock 4 to store DATA 1 from the S5335. PTRDY# asserted at the rising
edge of clock 4 completes the current data phase. DATA 2 is driven on the Add-On bus.
Clock 5:
Add-On logic uses the rising edge of clock 5 to store DATA 2 from the S5335. PTRDY# asserted at the rising
edge of clock 5 completes the current data phase. DATA 3 is driven on the Add-On bus.
Clock 6:
Add-On logic uses the rising edge of clock 6 to store DATA 3 from the S5335. PTRDY# asserted at the rising
edge of clock 6 completes the current data phase. On the PCI bus, IRDY# has been deasserted, causing
PTATN# to be deasserted. This is how a PCI initiator adds wait states, if it cannot provide data quickly enough.
Data on the Add-On bus is not valid.
Clock 7:
Because PTATN# remains deasserted, Add-On logic cannot store data at the rising edge of clock 7. PTATN# is
reasserted, indicating the PCI initiator is no longer adding wait states. DATA 4 is driven on the Add-On bus.
Clock 8:
Add-On logic uses the rising edge of clock 8 to store DATA 4 from the S5335. PTRDY# asserted at the rising
edge of clock 8 completes the current data phase. On the PCI bus, IRDY# has been deasserted again, causing
PTATN# to be deasserted. Data on the Add-On bus is not valid.
Clock 9:
The PCI initiator is still adding wait states. Add-On logic cannot store data while PTATN# is deasserted.
Clock 10:
Because PTATN# remains deasserted, Add-On logic cannot read data at the rising edge of clock 10. PTATN# is
reasserted, indicating the PCI initiator is no longer adding wait states. DATA 5 is driven on the Add-On bus.
Clock 11:
Add-On logic uses the rising edge of clock 11 to store DATA 5 from the S5335. PTRDY# asserted at the rising
edge of clock 11 completes the current data phase. DATA 6 is driven on the Add-On bus.
Clock 12:
Add-On logic uses the rising edge of clock 12 to store DATA 6 from the S5335. PTRDY# asserted at the rising
edge of clock 12 completes the final data phase.
Clock 13:
PTATN# and PTBURST# deasserted at the rising edge of clock 13 indicates the Pass-Thru access is complete.
The S5335 can accept new Pass-Thru accesses from the PCI bus at clock 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com