Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 143Page - Renesas Technology Corp SH7616 Datasheet HTML 144Page - Renesas Technology Corp SH7616 Datasheet HTML 145Page - Renesas Technology Corp SH7616 Datasheet HTML 146Page - Renesas Technology Corp SH7616 Datasheet HTML 147Page - Renesas Technology Corp SH7616 Datasheet HTML 148Page - Renesas Technology Corp SH7616 Datasheet HTML 149Page - Renesas Technology Corp SH7616 Datasheet HTML 150Page - Renesas Technology Corp SH7616 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 935 page
background image
Section 3 Oscillator Circuits and Operating Modes
Rev. 2.00 Mar 09, 2006 page 121 of 906
REJ09B0292-0200
;
I
φ (×4) = 62.5 MHz, Eφ (×4) = 62.5 MHz,
;
P
φ (×2) = 31.25 MHz, CKIO (Eφ) = 62.5 MHz,
;
MOV
#H'4E,R0
;
PLL circuits 1 and 2
→ Enabled.
;
I
φ (×4) = 62.5 MHz, Eφ (×2) = 31.25 MHz,
;
P
φ (×2 ) = 31.25 MHz, CKIO (Eφ) = 31.25 MHz,
MOV
#H'0A,R0
;
PLL circuits 1 and 2
→ Enabled.
;
I
φ (×4) = 62.5 MHz, Eφ (×1) = 15.625 MHz,
;
P
φ (×1) = 15.625 MHz, CKIO (Eφ) = 15.625 MHz,
;
MOV
#H'08,R0
MOV.B
R0,@R4
rts
nop
FREQUENCY_END:
NOP
.END
Cautions
• The read from the external memory space 0–4 cache-through area and the write to the
frequency modification register should be performed in on-chip X/Y memory. After reading
from the external memory space 0–4 cache-through area, do not perform any write operations
in external memory spaces 0–4 until the write to the frequency modification register.
• When the write access to the frequency modification register is executed, the WDT starts
automatically.
• Do not turn off the CKIO output when PLL circuit 1 is in the operating state.
• The CKIO output will be unstable until the PLL circuit stabilizes.
• When a frequency is modified, halt the on-chip DMAC (E-DMAC and DMAC) operation
before the frequency modification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com