Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 146Page - Renesas Technology Corp SH7616 Datasheet HTML 147Page - Renesas Technology Corp SH7616 Datasheet HTML 148Page - Renesas Technology Corp SH7616 Datasheet HTML 149Page - Renesas Technology Corp SH7616 Datasheet HTML 150Page - Renesas Technology Corp SH7616 Datasheet HTML 151Page - Renesas Technology Corp SH7616 Datasheet HTML 152Page - Renesas Technology Corp SH7616 Datasheet HTML 153Page - Renesas Technology Corp SH7616 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 935 page
background image
Section 3 Oscillator Circuits and Operating Modes
Rev. 2.00 Mar 09, 2006 page 124 of 906
REJ09B0292-0200
When Using a PLL Oscillator Circuit: Keep the wiring short from the PLL VCC and VSS
connection pattern to the power supply pins, and make the pattern width large, to minimize the
inductance component. Ground the oscillation stabilization capacitors C1 and C2 to VSS (PLL1)
and VSS (PLL2), respectively. Place C1 and C2 close to the CAP1 and CAP2 pins and do not
locate a wiring pattern in the vicinity.
CAP1
VCC (PLL)
VCC
C1 = 470 pF
C2 = 470 pF
VSS
CAP2
VSS (PLL)
Avoid crossing
signal lines
Power supply
Reference values
C1
C2
Figure 3.6 Points for Attention when Using PLL Oscillator Circuit
3.3
Bus Width of the CS0 Area
Pins MD3 and MD4 are used to specify the bus width of the CS0 area
. The pin combination and
functions are listed in table 3.6. Do not switch the MD4 and MD3 pins while they are operating.
Switching them will cause operating errors.
Table 3.6
Bus Width of the CS0 Area
Pin
MD4
MD3
Function
0
0
8-bit bus width selected
0
1
16-bit bus width selected
1
0
32-bit bus width selected
1
1
Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com