Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 150Page - Renesas Technology Corp SH7616 Datasheet HTML 151Page - Renesas Technology Corp SH7616 Datasheet HTML 152Page - Renesas Technology Corp SH7616 Datasheet HTML 153Page - Renesas Technology Corp SH7616 Datasheet HTML 154Page - Renesas Technology Corp SH7616 Datasheet HTML 155Page - Renesas Technology Corp SH7616 Datasheet HTML 156Page - Renesas Technology Corp SH7616 Datasheet HTML 157Page - Renesas Technology Corp SH7616 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 935 page
background image
Section 4 Exception Handling
Rev. 2.00 Mar 09, 2006 page 128 of 906
REJ09B0292-0200
4.1.3
Exception Vector Table
Before exception handling begins, the exception vector table must be written in memory. The
exception vector table stores the start addresses of exception service routines. (The reset exception
table holds the initial values of PC and SP.)
All exception sources are given different vector numbers and vector table address offsets, from
which the vector table addresses are calculated. In exception handling, the start address of the
exception service routine is fetched from the exception vector table as indicated by the vector table
address.
Table 4.3 lists the vector numbers and vector table address offsets. Table 4.4 shows vector table
address calculations.
Table 4.3 (a)Exception Vector Table
Exception Source
Vector
Number
Vector Table Address
Offset
Vector Address
Power-on reset
PC
0
H'00000000–H'00000003
Vector number
× 4
SP
1
H'00000004–H'00000007
Manual reset
PC
2
H'00000008–H'0000000B
SP
3
H'0000000C–H'0000000F
General illegal instruction
4
H'00000010–H'00000013
VBR + (vector
(Reserved by system)
5
H'00000014–H'00000017
number
× 4)
Slot illegal instruction
6
H'00000018–H'0000001B
(Reserved by system)
7
H'0000001C–H'0000001F
8
H'00000020–H'00000023
CPU address error
9
H'00000024–H'00000027
DMA address error (DMAC and
E-DMAC)
10*5
H'00000028–H'0000002B
Interrupt
NMI
11
H'0000002C–H'0000002F
User break 12
H'00000030–H'00000033
H-UDI
13
H'00000034–H'00000037
(Reserved by system)
14
:
31
H'00000038–H'0000003B
:
H'0000007C–H'0000007F
Trap instruction (user vector)
32
:
63
H'00000080–H'00000083
:
H'000000FC–H'000000FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com