Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 154Page - Renesas Technology Corp SH7616 Datasheet HTML 155Page - Renesas Technology Corp SH7616 Datasheet HTML 156Page - Renesas Technology Corp SH7616 Datasheet HTML 157Page - Renesas Technology Corp SH7616 Datasheet HTML 158Page - Renesas Technology Corp SH7616 Datasheet HTML 159Page - Renesas Technology Corp SH7616 Datasheet HTML 160Page - Renesas Technology Corp SH7616 Datasheet HTML 161Page - Renesas Technology Corp SH7616 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 935 page
background image
Section 4 Exception Handling
Rev. 2.00 Mar 09, 2006 page 132 of 906
REJ09B0292-0200
4.2.3
Manual Reset
When the NMI pin is low and the
RES pin is driven low, the device executes a manual reset. For a
reliable reset, the
RES pin should be kept low for at least 20 clock cycles. During a manual reset,
the CPU’s internal state is initialized. All on-chip peripheral module registers are initialized,
except for the bus state controller (BSC), user break controller (UBC), and pin function controller
(PFC) registers, and the frequency modification register (FMR). When the chip enters the manual
reset state in the middle of a bus cycle, manual reset exception handling does not start until the bus
cycle has ended. Thus, manual resets do not abort bus cycles. See appendix B, Pin States, for the
state of individual pins in the manual reset state.
In a manual reset, manual reset exception handling starts when the NMI pin is kept low and the
RES pin is first kept low for a set period of time and then returned to high. The CPU will then
operate in the same way as for a power-on reset.
4.3
Address Errors
4.3.1
Sources of Address Errors
Address errors occur when instructions are fetched or data read or written, as shown in table 4.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com