Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 152Page - Renesas Technology Corp SH7616 Datasheet HTML 153Page - Renesas Technology Corp SH7616 Datasheet HTML 154Page - Renesas Technology Corp SH7616 Datasheet HTML 155Page - Renesas Technology Corp SH7616 Datasheet HTML 156Page - Renesas Technology Corp SH7616 Datasheet HTML 157Page - Renesas Technology Corp SH7616 Datasheet HTML 158Page - Renesas Technology Corp SH7616 Datasheet HTML 159Page - Renesas Technology Corp SH7616 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 935 page
background image
Section 4 Exception Handling
Rev. 2.00 Mar 09, 2006 page 130 of 906
REJ09B0292-0200
2. External vector number fetches can be performed without using the auto-vector
numbers in this table.
3. The vector numbers and vector table address offsets for each on-chip peripheral
module interrupt are given table 5.4, Interrupt Exception Vectors and Priorities, in
section 5, Interrupt Controller.
4. Vector numbers are set in the on-chip vector number register. See section 5.3, Register
Descriptions, in section 5, Interrupt Controller, and section 11, Direct Memory Access
Controller, for more information.
5. The same vector number, 10, is generated for a DMAC DMA address error and an E-
DMAC DMA address error. (See table 4.3 (a).)
Both the address error flag (AE) in the DMAC’s DMA operation register (DMAOR) and
the address error control bit (AEC) in the E-DMAC’s E-DMAC operation control register
(EDOCR) must therefore be read in the exception service routine to determine which
DMA address error has occurred.
Table 4.4
Calculating Exception Vector Table Addresses
Exception Source
Vector Table Address Calculation
Power-on reset
Manual reset
(Vector table address) = (vector table address offset)
= (vector number)
× 4
Other exception handling
(Vector table address) = VBR + (vector table address offset)
= VBR + (vector number)
× 4
Note: VBR: Vector base register
Vector table address offset: See table 4.3.
Vector number: See table 4.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com