Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 153Page - Renesas Technology Corp SH7616 Datasheet HTML 154Page - Renesas Technology Corp SH7616 Datasheet HTML 155Page - Renesas Technology Corp SH7616 Datasheet HTML 156Page - Renesas Technology Corp SH7616 Datasheet HTML 157Page - Renesas Technology Corp SH7616 Datasheet HTML 158Page - Renesas Technology Corp SH7616 Datasheet HTML 159Page - Renesas Technology Corp SH7616 Datasheet HTML 160Page - Renesas Technology Corp SH7616 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 935 page
background image
Section 4 Exception Handling
Rev. 2.00 Mar 09, 2006 page 131 of 906
REJ09B0292-0200
4.2
Resets
4.2.1
Types of Resets
Resets have the highest priority of any exception source. There are two types of resets: manual
resets and power-on resets. As table 4.5 shows, both types of resets initialize the internal status of
the CPU. In power-on resets, all registers of the on-chip peripheral modules are initialized; in
manual resets, registers of all on-chip peripheral modules except the bus state controller (BSC),
user break controller (UBC), pin function controller (PFC), and frequency modification register
(FMR) are initialized. (Use the power-on reset when turning the power on.)
Table 4.5
Types of Resets
Conditions for
Transition to Reset Status
Internal Status
Type
NMI Pin
RES
RES
RES
RES Pin
CPU
On-Chip Peripheral Modules
Power-on reset
High
Low
Initialized
Initialized
Manual reset
Low
Low
Initialized
Initialized except for BSC, UBC,
PFC, and frequency modification
register (FMR)
4.2.2
Power-On Reset
When the NMI pin is high and the
RES pin is driven low, the device performs a power-on reset.
For a reliable reset, the
RES pin should be kept low for at least the duration of the oscillation
settling time (when the PLL circuit is halted) or for 20tpcyc (when the PLL circuit is running).
During a power-on reset, the CPU’s internal state and all on-chip peripheral module registers are
initialized. See appendix B, Pin States, for the state of individual pins in the power-on reset state.
In a power-on reset, power-on reset exception handling starts when the NMI pin is kept high and
the
RES pin is first driven low for a set period of time and then returned to high. The CPU will
then operate as follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception vector table.
3. The vector base register (VBR) is cleared to H'00000000 and the interrupt mask bits (I3–I0) of
the status register (SR) are set to H'F (1111).
4. The values fetched from the exception vector table are set in the program counter (PC) and
stack pointer (SP), and the program begins executing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com