Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 156Page - Renesas Technology Corp SH7616 Datasheet HTML 157Page - Renesas Technology Corp SH7616 Datasheet HTML 158Page - Renesas Technology Corp SH7616 Datasheet HTML 159Page - Renesas Technology Corp SH7616 Datasheet HTML 160Page - Renesas Technology Corp SH7616 Datasheet HTML 161Page - Renesas Technology Corp SH7616 Datasheet HTML 162Page - Renesas Technology Corp SH7616 Datasheet HTML 163Page - Renesas Technology Corp SH7616 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 935 page
background image
Section 4 Exception Handling
Rev. 2.00 Mar 09, 2006 page 134 of 906
REJ09B0292-0200
4.3.2
Address Error Exception Handling
When an address error occurs, address error exception handling begins after the end of the bus
cycle in which the error occurred and completion of the executing instruction. The CPU operates
as follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
instruction to be executed after the last instruction executed .
3. The exception service routine start address is fetched from the exception vector table entry that
corresponds to the address error that occurred, and the program starts executing from that
address. The jump that occurs is not a delayed branch.
Note: The same vector number, 10, is generated for a DMAC DMA address error and an E-
DMAC DMA address error. (See table 4.3 (a).)
Both the address error flag (AE) in the DMAC’s DMA operation register (DMAOR) and
the address error control bit (AEC) in the E-DMAC’s E-DMAC operation control register
(EDOCR) must therefore be read in the exception service routine to determine which
DMA address error has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com