Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 159Page - Renesas Technology Corp SH7616 Datasheet HTML 160Page - Renesas Technology Corp SH7616 Datasheet HTML 161Page - Renesas Technology Corp SH7616 Datasheet HTML 162Page - Renesas Technology Corp SH7616 Datasheet HTML 163Page - Renesas Technology Corp SH7616 Datasheet HTML 164Page - Renesas Technology Corp SH7616 Datasheet HTML 165Page - Renesas Technology Corp SH7616 Datasheet HTML 166Page - Renesas Technology Corp SH7616 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 935 page
background image
Section 4 Exception Handling
Rev. 2.00 Mar 09, 2006 page 137 of 906
REJ09B0292-0200
4.5
Exceptions Triggered by Instructions
4.5.1
Instruction-Triggered Exception Types
Exception handling can be triggered by a trap instruction, general illegal instruction or illegal slot
instruction, as shown in table 4.9.
Table 4.9
Types of Exceptions Triggered by Instructions
Type
Source Instruction
Comment
Trap instruction
TRAPA
—
Illegal slot
instruction
Undefined code placed
immediately after a delayed
branch instruction (delay slot)
and instructions that rewrite the
PC
Delayed branch instructions: JMP, JSR,
BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF,
BRAF
Instructions that rewrite the PC: JMP, JSR,
BRA, BSR, RTS, RTE, BT, BF, TRAPA,
BF/S, BT/S, BSRF, BRAF
General illegal
instruction
Undefined code anywhere
besides in a delay slot
—
4.5.2
Trap Instructions
When a TRAPA instruction is executed, trap instruction exception handling starts. The CPU
operates as follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
instruction to be executed after the TRAPA instruction.
3. The exception service routine start address is fetched from the exception vector table entry that
corresponds to the vector number specified by the TRAPA instruction. That address is jumped
to and the program starts executing. The jump that occurs is not a delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com