Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 145Page - Renesas Technology Corp SH7616 Datasheet HTML 146Page - Renesas Technology Corp SH7616 Datasheet HTML 147Page - Renesas Technology Corp SH7616 Datasheet HTML 148Page - Renesas Technology Corp SH7616 Datasheet HTML 149Page - Renesas Technology Corp SH7616 Datasheet HTML 150Page - Renesas Technology Corp SH7616 Datasheet HTML 151Page - Renesas Technology Corp SH7616 Datasheet HTML 152Page - Renesas Technology Corp SH7616 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 935 page
background image
Section 3 Oscillator Circuits and Operating Modes
Rev. 2.00 Mar 09, 2006 page 123 of 906
REJ09B0292-0200
3.2.7
Notes on Board Design
When Using an External Crystal Oscillator: Place the crystal resonator, capacitors CL1 and
CL2, and damping resistor R close to the EXTAL and XTAL pins. To prevent induction from
interfering with correct oscillation, use a common grounding point for the capacitors connected to
the resonator, and do not locate a wiring pattern near these components.
Note: The values for CL1, CL2, and the damping resistance should be determined after
consultation with the crystal resonator manufacturer.
XTAL
EXTAL
R
CL2
CL1
Avoid crossing
signal lines
Figure 3.5 Points for Attention when Using Crystal Resonator
Bypass Capacitors: As far as possible, insert a laminated ceramic capacitor of 0.01 to 0.1 µF as a
bypass capacitor for each VSS/VCC pair. Mount the bypass capacitors as close as possible to the
LSI power supply pins, and use components with a frequency characteristic suitable for the LSI
operating frequency, as well as a suitable capacitance value.
VSS/VCC pairs
PLL system: 9-12
3 V digital system: 20-18, 26-22, 35-33, 45-42, 52-50, 60-58, 61-67, 69-66, 78-76, 79-81, 91-89,
101-99, 112-109, 113-110, 114-116, 130-132, 149-146, 150-147
5 V digital system: 157-155, 169-167, 181-179, 191-193, 202-200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com