Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 144Page - Renesas Technology Corp SH7616 Datasheet HTML 145Page - Renesas Technology Corp SH7616 Datasheet HTML 146Page - Renesas Technology Corp SH7616 Datasheet HTML 147Page - Renesas Technology Corp SH7616 Datasheet HTML 148Page - Renesas Technology Corp SH7616 Datasheet HTML 149Page - Renesas Technology Corp SH7616 Datasheet HTML 150Page - Renesas Technology Corp SH7616 Datasheet HTML 151Page - Renesas Technology Corp SH7616 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 935 page
background image
Section 3 Oscillator Circuits and Operating Modes
Rev. 2.00 Mar 09, 2006 page 122 of 906
REJ09B0292-0200
If PLL circuit 1 or PLL circuit 2 does not become operational after modifying the frequency
modification register (including modification in the operating state), it means that the above
procedure or cautions have not been properly observed. In this case, the WDT will not operate
even though the frequency modification register is modified.
3.2.6
Clock Modes and Frequency Ranges
The following table shows the operating modes and the associated frequency ranges for input
clocks.
Clock Input
PLL Circuit
Internal Clock*
2
*3
Mode Pin
Input
Frequency
Range (MHz)
PLL1 PLL2
I
φφφφ
(MHZ)
E
φφφφ
(MHZ)
P
φφφφ
(MHZ)
CKIO
Output
(MHz)
0, 1
EXTAL or crystal
resonator*
1
8–15.625
On
On
8–
62.5
8–
62.5
8–
31.25
8–62.5
Off
On
8–
62.5
8–
62.5
8–
31.25
8–62.5
On
Off
8–
62.5
8–
15.625
8–
15.625
8–15.625
1–31.25
Off
Off
1–
31.25
1–
31.25
1–
31.25
1–31.25
2
8–15.625
Off
On
8–
62.5
8–
62.5
8–
31.25
8–62.5
1–31.25
Off
1–
31.25
1–
31.25
1–
31.25
1–31.25
3
8–15.625
On
8–
62.5
8–
62.5
8–
31.25
—
1–31.25
Off
1–
31.25
1–
31.25
1–
31.25
4, 5
CKIO
16–31.25
On
Off
16–
62.5
16–
31.25
16–
31.25
—
1–31.25
Off
1–
31.25
1–
31.25
1–
31.25
6
1–31.25
Off
1–
31.25
1–
31.25
1–
31.25
Notes: 1. When a crystal resonator is used, set the frequency in the range of 8 to 15.625 MHz.
2. Set the frequency modification register so that the frequency of all internal clocks is 1
MHz or higher.
3. Use internal clock frequencies such that I
φ ≥ Eφ ≥ Pφ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com