Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 238Page - Renesas Technology Corp SH7616 Datasheet HTML 239Page - Renesas Technology Corp SH7616 Datasheet HTML 240Page - Renesas Technology Corp SH7616 Datasheet HTML 241Page - Renesas Technology Corp SH7616 Datasheet HTML 242Page - Renesas Technology Corp SH7616 Datasheet HTML 243Page - Renesas Technology Corp SH7616 Datasheet HTML 244Page - Renesas Technology Corp SH7616 Datasheet HTML 245Page - Renesas Technology Corp SH7616 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 216 of 906
REJ09B0292-0200
which bits of the break data set in BDRCL are to be masked. Operation also depends on bits
XYEC and XYSC in BBRC as shown below. BDMRCH and BDMRCL are initialized to H'0000
by a power-on reset; after a manual reset, their values are undefined.
BDMRC Configuration
Upper 16 Bits
(BDMC31 to BDMC16)
Lower 16 Bits
(BDMC15 to BDMC0)
XYEC = 0
Data
Upper 16 bits maskable
Lower 16 bits maskable
XYEC = 1
X data
(when XYSC = 0)
Maskable
—
Y data
(when XYSC = 1)
—
Maskable
Bit 31 to 0:
BDMCn
Description
0
Channel C break data bit BDCn is included in break condition
(Initial value)
1
Channel C break data bit BDCn is masked, and not included in condition
Notes: 1. n = 31 to 0
2. When including the data bus value in the break condition, specify the operand size.
3. When specifying byte size, and using odd-address data as a break condition, set the
value in bits 7 to 0 of BDRC and BDMRC. When using even-address data as a break
condition, set the value in bits 15 to 8. The unused 8 bits of these registers have no
effect on the break condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com