Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 239Page - Renesas Technology Corp SH7616 Datasheet HTML 240Page - Renesas Technology Corp SH7616 Datasheet HTML 241Page - Renesas Technology Corp SH7616 Datasheet HTML 242Page - Renesas Technology Corp SH7616 Datasheet HTML 243Page - Renesas Technology Corp SH7616 Datasheet HTML 244Page - Renesas Technology Corp SH7616 Datasheet HTML 245Page - Renesas Technology Corp SH7616 Datasheet HTML 246Page - Renesas Technology Corp SH7616 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 217 of 906
REJ09B0292-0200
6.2.11
Break Bus Cycle Register C (BBRC)
Bit:
15
14
13
12
11
10
9
8
——
———
—
XYEC
XYSC
Initial value:
0
0
0
0
0
0
0
0
R/W:
RR
RRR
R
R/W
R/W
Bit:
76
543
210
CPC1
CPC0
IDC1
IDC0
RWC1
RWC0
SZC1
SZC0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Break bus cycle register C (BBRC) is a 16-bit readable/writable register that sets five channel C
break conditions: (1) internal bus (C-bus, I-bus)/X memory bus/Y memory bus), (2) CPU
cycle/on-chip DMAC (DMAC, E-DMAC) cycle, (3) instruction fetch/data access, (4) read/write,
and (5) operand size. BBRC is initialized to H'0000 by a power-on reset; after a manual reset, its
value is undefined.
Bits 15 to 10—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 9—X/Y Memory Bus Enable C (XYEC): Selects whether the X/Y bus is used as a channel C
break condition.
Bit 9: XYEC
Description
0
Cache bus or internal bus is selected as condition for channel C address/data
(Initial value)
1
X/Y bus is selected as condition for channel C address/data
Bit 8—X Bus/Y Bus Select C (XYSC): Selects whether the X bus or the Y bus is used as a
channel C break condition. This bit is valid only when bit XYEC = 1.
Bit 8: XYSC
Description
0
X bus is selected as channel C break condition
(Initial value)
1
Y bus is selected as channel C break condition
The configuration of bits 7 to 0 is the same as for BBRA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com