Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 243Page - Renesas Technology Corp SH7616 Datasheet HTML 244Page - Renesas Technology Corp SH7616 Datasheet HTML 245Page - Renesas Technology Corp SH7616 Datasheet HTML 246Page - Renesas Technology Corp SH7616 Datasheet HTML 247Page - Renesas Technology Corp SH7616 Datasheet HTML 248Page - Renesas Technology Corp SH7616 Datasheet HTML 249Page - Renesas Technology Corp SH7616 Datasheet HTML 250Page - Renesas Technology Corp SH7616 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 221 of 906
REJ09B0292-0200
Break address mask register D (BAMRD) consists of two 16-bit readable/writable registers: break
address mask register DH (BAMRDH) and break address mask register DL (BAMRDL).
BAMRDH specifies which bits of the break address set in BARDH are to be masked, and
BAMRDL specifies which bits of the break address set in BARDL are to be masked. Operation
also depends on bits XYED and XYSD in BBRD as shown below.
BAMRD Configuration
Upper 16 Bits
(BAMD31 to BAMD16)
Lower 16 Bits
(BAMD15 to BAMD0)
XYED = 0
Address
Upper 16 bits maskable
Lower 16 bits maskable
XYED = 1
X address
(when XYSD = 0)
Maskable
—
Y address
(when XYSD = 1)
—
Maskable
Bit 31 to 0:
BAMDn
Description
0
Channel D break address bit BADn is included in break condition (Initial value)
1
Channel D break address bit BADn is masked, and not included in condition
Note: n = 31 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com