Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 246Page - Renesas Technology Corp SH7616 Datasheet HTML 247Page - Renesas Technology Corp SH7616 Datasheet HTML 248Page - Renesas Technology Corp SH7616 Datasheet HTML 249Page - Renesas Technology Corp SH7616 Datasheet HTML 250Page - Renesas Technology Corp SH7616 Datasheet HTML 251Page - Renesas Technology Corp SH7616 Datasheet HTML 252Page - Renesas Technology Corp SH7616 Datasheet HTML 253Page - Renesas Technology Corp SH7616 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 224 of 906
REJ09B0292-0200
specifies which bits of the break data set in BDRDH are to be masked, and BDMRDL specifies
which bits of the break data set in BDRDL are to be masked. Operation also depends on bits
XYED and XYSD in BBRD as shown below. BDMRDH and BDMRDL are initialized to H'0000
by a power-on reset; after a manual reset, their values are undefined.
BDMRD Configuration
Upper 16 Bits
(BDMD31 to BDMD16)
Lower 16 Bits
(BDMD15 to BDMD0)
XYED = 0
Data
Upper 16 bits maskable
Lower 16 bits maskable
XYED = 1
X data
(when XYSD = 0)
Maskable
—
Y data
(when XYSD = 1)
—
Maskable
Bit 31 to 0:
BDMDn
Description
0
Channel D break data bit BDDn is included in break condition
(Initial value)
1
Channel D break data bit BDDn is masked, and not included in condition
Notes: 1. n = 31 to 0
2. When including the data bus value in the break condition, specify the operand size.
3. When specifying byte size, and using odd-address data as a break condition, set the
value in bits 7 to 0 of BDRD and BDMRD. When using even-address data as a break
condition, set the value in bits 15 to 8. The unused 8 bits of these registers have no
effect on the break condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com