| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 253 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 253 Page - Renesas Technology Corp |
|
253 / 935 page ![]() Section 6 User Break Controller (UBC) Rev. 2.00 Mar 09, 2006 page 227 of 906 REJ09B0292-0200 6.2.19 Break Control Register (BRCR) BRCRH Bit: 31 30 29 28 27 26 25 24 CMFCA CMFPA — — PCTE PCBA — — Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W Bit: 23 22 21 20 19 18 17 16 CMFCB CMFPB — SEQ1 SEQ0 PCBB — — Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W BRCRL Bit: 15 14 13 12 11 10 9 8 CMFCC CMFPC ETBEC — DBEC PCBC — — Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W Bit: 76 543 210 CMFCD CMFPD ETBED — DBED PCBD — — Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W The break control register (BRCR) is used to make the following settings: 1. Setting of independent channel mode or sequential condition mode for channels A, B, C, and D 2. Selection of pre- or post-instruction-execution break in case of an instruction fetch cycle 3. Selection of whether the data bus is to be included in the comparison conditions for channels C and D 4. Selection of whether an execution-times break is to be set for channels C and D 5. Selection of whether a PC trace is to be executed BRCR also contains flags that are set when a condition is satisfied. BRCR is initialized to H'00000000 by a power-on reset; after a manual reset, its value is undefined. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |