Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 250Page - Renesas Technology Corp SH7616 Datasheet HTML 251Page - Renesas Technology Corp SH7616 Datasheet HTML 252Page - Renesas Technology Corp SH7616 Datasheet HTML 253Page - Renesas Technology Corp SH7616 Datasheet HTML 254Page - Renesas Technology Corp SH7616 Datasheet HTML 255Page - Renesas Technology Corp SH7616 Datasheet HTML 256Page - Renesas Technology Corp SH7616 Datasheet HTML 257Page - Renesas Technology Corp SH7616 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 228 of 906
REJ09B0292-0200
Bit 31—CPU Condition Match Flag A (CMFCA): This flag is set to 1 when a CPU bus cycle
condition, among the break conditions set for channel A, is satisfied. This flag is not cleared to 0
(if the flag setting is to be checked again after it has once been set, the flag must be cleared by a
write).
Bit 31: CMFCA
Description
0
User break interrupt has not been generated by a channel A CPU cycle
condition
(Initial value)
1
User break interrupt has been generated by a channel A CPU cycle condition
Bit 30—DMAC Condition Match Flag A (CMFPA): This flag is set to 1 when an on-chip DMAC
bus cycle condition, among the break conditions set for channel A, is satisfied. This flag is not
cleared to 0 (if the flag setting is to be checked again after it has once been set, the flag must be
cleared by a write).
Bit 30: CMFPA
Description
0
User break interrupt has not been generated by a channel A on-chip DMAC
cycle condition
(Initial value)
1
User break interrupt has been generated by a channel A on-chip DMAC cycle
condition
Bits 29 and 28—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 27—PC Trace Enable (PCTE): Selects whether a PC trace is to be executed.
Bit 27: PCTE
Description
0
PC trace is not executed
(Initial value)
1
PC trace is executed
Bit 26—PC Break Select A (PCBA): Selects whether a channel A instruction fetch cycle break is
effected before or after execution of the instruction.
Bit 26: PCBA
Description
0
Channel A instruction fetch cycle break is effected before instruction execution
(Initial value)
1
Channel A instruction fetch cycle break is effected after instruction execution
Bits 25 and 24—Reserved: These bits are always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com