Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 254Page - Renesas Technology Corp SH7616 Datasheet HTML 255Page - Renesas Technology Corp SH7616 Datasheet HTML 256Page - Renesas Technology Corp SH7616 Datasheet HTML 257Page - Renesas Technology Corp SH7616 Datasheet HTML 258Page - Renesas Technology Corp SH7616 Datasheet HTML 259Page - Renesas Technology Corp SH7616 Datasheet HTML 260Page - Renesas Technology Corp SH7616 Datasheet HTML 261Page - Renesas Technology Corp SH7616 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 232 of 906
REJ09B0292-0200
Bit 5—Execution-Times Break Enable D (ETBED): Enables a channel D execution-times break
condition. When this bit is 1, a user break interrupt is generated when the number of break
conditions that have occurred equals the number of executions specified by the break execution
times register (BETRD).
Bit 5: ETBED
Description
0
Channel D execution-times break condition is disabled
(Initial value)
1
Channel D execution-times break condition is enabled
Bit 4—Reserved: This bit is always read as 0. The write value should always be 0.
Bit 3—Data Break Enable D (DBED): Selects whether a data bus condition is to be included in the
channel D break conditions.
Bit 3: DBED
Description
0
Data bus condition is not included in channel D conditions
(Initial value)
1
Data bus condition is included in channel D conditions
Bit 2—PC Break Select D (PCBD): Selects whether a channel D instruction fetch cycle break is
effected before or after execution of the instruction.
Bit 2: PCBD
Description
0
Channel D instruction fetch cycle break is effected before instruction execution
(Initial value)
1
Channel D instruction fetch cycle break is effected after instruction execution
Bits 1 and 0—Reserved: These bits are always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com