| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 261 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 261 Page - Renesas Technology Corp |
|
261 / 935 page ![]() Section 6 User Break Controller (UBC) Rev. 2.00 Mar 09, 2006 page 235 of 906 REJ09B0292-0200 The branch source registers (BRSR) comprise a set of four 32-bit read-only registers. The values in these registers are used to calculate the address of the last instruction executed before a branch when performing a PC trace. The BRSR registers form a FIFO (first-in first-out) queue for PC trace use. The queue is shifted at each branch. The BRSR registers are not initialized by a reset. 6.2.22 Branch Destination Registers (BRDR) BRDRH Bit: 31 30 29 28 27 26 25 24 BDA31 BDA30 BDA29 BDA28 BDA27 BDA26 BDA25 BDA24 Initial value: Undefined Undefined Undefined Undefined Undefined Undefined Undefined Undefined R/W: RRRRRRRR Bit: 23 22 21 20 19 18 17 16 BDA23 BDA22 BDA21 BDA20 BDA19 BDA18 BDA17 BDA16 Initial value: Undefined Undefined Undefined Undefined Undefined Undefined Undefined Undefined R/W: RRRRRRRR BRDRL Bit: 15 14 13 12 11 10 9 8 BDA15 BDA14 BDA13 BDA12 BDA11 BDA10 BDA9 BDA8 Initial value: Undefined Undefined Undefined Undefined Undefined Undefined Undefined Undefined R/W: RRRRRRRR Bit: 76543210 BDA7 BDA6 BDA5 BDA4 BDA3 BDA2 BDA1 BDA0 Initial value: Undefined Undefined Undefined Undefined Undefined Undefined Undefined Undefined R/W: RRRRRRRR The branch destination registers (BRDR) comprise a set of four 32-bit read-only registers. These registers store the branch destination fetch addresses used when performing a PC trace. The BRDR registers form a FIFO (first-in first-out) queue for PC trace use. The queue is shifted at each branch. The BRDR registers are not initialized by a reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |