Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 261Page - Renesas Technology Corp SH7616 Datasheet HTML 262Page - Renesas Technology Corp SH7616 Datasheet HTML 263Page - Renesas Technology Corp SH7616 Datasheet HTML 264Page - Renesas Technology Corp SH7616 Datasheet HTML 265Page - Renesas Technology Corp SH7616 Datasheet HTML 266Page - Renesas Technology Corp SH7616 Datasheet HTML 267Page - Renesas Technology Corp SH7616 Datasheet HTML 268Page - Renesas Technology Corp SH7616 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 239 of 906
REJ09B0292-0200
6.3.4
Saved Program Counter (PC) Value
1. When instruction fetch (pre-instruction-execution) is set as break condition
The program counter (PC) value saved to the stack in user break interrupt exception handling
is the address of the instruction for which the break condition matched. In this case, the fetched
instruction is not executed, a user break interrupt being generated prior to its execution. If a
setting is made for an instruction following an instruction for which interrupts are prohibited,
the break is effected before execution of the next instruction at which interrupts are accepted,
so that the saved PC value is the address at which the break occurs.
2. When instruction fetch (post-instruction-execution) is set as break condition
The program counter (PC) value saved to the stack in user break interrupt exception handling
is the address of the next instruction to be executed after the instruction for which the break
condition matched. In this case, the fetched instruction is executed, and a user break interrupt
is generated before execution of the next instruction. However, if a setting is made for an
instruction for which interrupts are prohibited, the break is effected before execution of the
next instruction at which interrupts are accepted, so that the saved PC value is the address at
which the break occurs.
3. When data access (CPU/on-chip DMAC) is set as break condition
The value saved is the start address of the next instruction after the instruction for which
execution has been completed when user break exception handling is initiated.
When data access (CPU/on-chip DMAC) is set as a break condition, the point at which the
break is to be made cannot be specified. A break is effected before execution of the instruction
about to be fetched around the time of the break data access.
6.3.5
X Memory Bus or Y Memory Bus Cycle Break
A break condition for an X bus cycle or Y bus cycle can only be specified for channel C or D.
When XYEC in BBRC or XYED in BBRD is set to 1, break addresses and break data on the X
memory bus or Y memory bus are selected. Either the X memory bus or the Y memory bus must
be selected with the XYSC bit in BBRC or the XYSD bit in BBRD; the X and Y memory buses
cannot both be included in the break conditions at the same time. The break conditions are applied
to X memory bus cycles or Y memory bus cycles by setting the CPU bus master, data access
cycle, read or write access, and word operand size or no operand size specification.
When an X memory address is selected as a break condition, specify the X memory address in the
upper 16 bits of BARC and BAMRC or BARD and BAMRD; when a Y memory address is
selected, specify the Y memory address in the lower 16 bits of BARC and BAMRC or BARD and
BAMRD. The same method is used to specify X memory data or Y memory data for BDRC and
BDMRC or BDRD and BMRD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com