Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 265Page - Renesas Technology Corp SH7616 Datasheet HTML 266Page - Renesas Technology Corp SH7616 Datasheet HTML 267Page - Renesas Technology Corp SH7616 Datasheet HTML 268Page - Renesas Technology Corp SH7616 Datasheet HTML 269Page - Renesas Technology Corp SH7616 Datasheet HTML 270Page - Renesas Technology Corp SH7616 Datasheet HTML 271Page - Renesas Technology Corp SH7616 Datasheet HTML 272Page - Renesas Technology Corp SH7616 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 243 of 906
REJ09B0292-0200
4. BRSR, BRDR, and BRFR have a four-queue structure. When the stored address is read in a PC
trace, the read is performed from the head of the queue. Reads should be performed in the
order BRFR, BRSR, BRDR. After BRDR is read, the queue shifts by one. Use longword
access to read BRSR and BRDR.
6.3.8
Examples of Use
CPU Instruction Fetch Cycle Break Condition Settings
A. Register settings: BARA = H'00000404 / BAMRA = H'00000000 / BBRA = H'0054
BARB = H'00003080 / BAMRB = H'0000007F / BBRB = H'0054
BARC = H'00008010 / BAMRC = H'00000006 / BBRC = H'0054
BDRC = H'00000000 / BDMRC = H'00000000
BARD =H'0000FF04 / BAMRD = H'00000000 / BBRD = H'0054
BDRD = H'00000000 / BDMRD = H'00000000
BRCR = H'04000400
Set conditions:
All channels independent
Channel A: Address:
H'00000404; address mask: H'00000000
Bus cycle: CPU, instruction fetch (post-execution),
read (operand size not included in conditions)
Channel B: Address:
H'00003080; address mask: H'0000007F
Bus cycle: CPU, instruction fetch (pre-execution),
read (operand size not included in conditions)
Channel C: Address:
H'00008010; address mask: H'00000006
Data:
H'00000000; data mask: H'00000000
Bus cycle: CPU, instruction fetch (post-execution),
read (operand size not included in conditions)
Channel D: Address:
H'0000FF04; address mask: H'00000000
Data:
H'00000000; data mask: H'00000000
Bus cycle: CPU, instruction fetch (pre-execution),
read (operand size not included in conditions)
A user break interrupt is generated after execution of the instruction at address H'00000404,
before execution of instructions at addresses H'00003080 to H'000030FF, after execution of
instructions at addresses H'00008010 to H'00008016, or before execution of the instruction at
address H'0000FF04.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com