Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 269Page - Renesas Technology Corp SH7616 Datasheet HTML 270Page - Renesas Technology Corp SH7616 Datasheet HTML 271Page - Renesas Technology Corp SH7616 Datasheet HTML 272Page - Renesas Technology Corp SH7616 Datasheet HTML 273Page - Renesas Technology Corp SH7616 Datasheet HTML 274Page - Renesas Technology Corp SH7616 Datasheet HTML 275Page - Renesas Technology Corp SH7616 Datasheet HTML 276Page - Renesas Technology Corp SH7616 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 247 of 906
REJ09B0292-0200
DMA Data Access Cycle Break Condition Settings
Register settings: BARA = H'00314156 / BAMRA = H'00000000 / BBRA = H'0094
BBRB = H'0000
BBRC = H'0000
BARD = H'00055555 / BAMRD = H'00000000 / BBRD = H'00A9
BDRD = H'00007878 / BDMRD = H'00000F0F
BRCR = H'00000008
Set conditions:
All channels independent
Channel A: Address:
H'00314156; address mask: H'00000000
Bus cycle: DMAC, instruction fetch, read (operand not
included in conditions)
Channel B: Not used
Channel C: Not used
Channel D: Address:
H'00055555; address mask: H'00000000
Data:
H'00007878; data mask: H'00000F0F
Bus cycle: DMAC, data access, write, byte
On channel A, a user break interrupt is not generated as an instruction fetch is not performed in
a DMAC cycle.
On channel D, a user break interrupt is generated when the DMAC writes H'7* (*: Don't care)
is written by byte access to address H'00055555.
6.3.9
Usage Notes
1. UBC registers can be read and written to only by the CPU.
2. Note the following concerning sequential break specifications:
a. As the CPU has a pipeline structure, the order of instruction fetch cycles and memory
cycles is determined by the pipeline. Therefore, a break will occur if channel condition
matches in the bus cycle order satisfy the sequential condition.
b. If, of the channels included in a sequential condition, the channel bus cycle conditions
constituting the first break conditions of adjacent channels are specified as a pre-execution
break (PCB bit cleared to 0 in BRCR) and an instruction fetch (designated by the break bus
cycle register), note that when the bus cycle conditions for the two channels are matched
simultaneously, a break is effected and the BRCR condition match flags are set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com