Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 268Page - Renesas Technology Corp SH7616 Datasheet HTML 269Page - Renesas Technology Corp SH7616 Datasheet HTML 270Page - Renesas Technology Corp SH7616 Datasheet HTML 271Page - Renesas Technology Corp SH7616 Datasheet HTML 272Page - Renesas Technology Corp SH7616 Datasheet HTML 273Page - Renesas Technology Corp SH7616 Datasheet HTML 274Page - Renesas Technology Corp SH7616 Datasheet HTML 275Page - Renesas Technology Corp SH7616 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 246 of 906
REJ09B0292-0200
After the instruction at address H'0000500 is executed, and the instruction at address
H'00000A00 is executed five times, a user break interrupt is generated after the instruction at
address H'00001000 has been executed nine times, but before it is executed a tenth time.
CPU Data Access Cycle Break Condition Settings
Register settings: BARA = H'00123456 / BAMRA = H'00000000 / BBRA = H'0064
BARB = H'01000000 / BAMRB = H'00000000 / BBRB = H'0066
BARC = H'000ABCDE / BAMRC = H'000000FF / BBRC = H'006A
BDRC = H'0000A512 / BDMRC = H'00000000
BARD = H'1001E000 / BAMRD = H'FFFF0000 / BBRD = H'036A
BDRD = H'00004567 / BDMRD = H'00000000
BRCR = H'00000808
Set conditions:
All channels independent
Channel A: Address:
H'00123456; address mask: H'00000000
Bus cycle: CPU, data access, read (operand size not included
in conditions)
Channel B: Address:
H'01000000; address mask: H'00000000
Bus cycle: CPU, data access, read, word
Channel C: Address: H'000ABCDE; address mask: H'00000000
Data:
H'0000A512; data mask: H'00000000
Bus cycle: CPU, data access, write, word
Channel D: Y address: H'1001E000; address mask: H'FFFF0000
Data:
H'00004567; data mask: H'00000000
Bus cycle: CPU, data access, write, word
On channel A, a user break interrupt is generated by a longword read at address H'00123456, a
word read at address H'00123456, or a byte read at address H'00123456.
On channel B, a user break interrupt is generated by a word read at address H'01000000.
On channel C, a user break interrupt is generated when H'A512 is written by word access to an
address from H'000ABC00 to H'000ABCFE.
On channel D, a user break interrupt is generated when H'4567 is written by word access to
address H'1001E000 in Y memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com