Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 258Page - Renesas Technology Corp SH7616 Datasheet HTML 259Page - Renesas Technology Corp SH7616 Datasheet HTML 260Page - Renesas Technology Corp SH7616 Datasheet HTML 261Page - Renesas Technology Corp SH7616 Datasheet HTML 262Page - Renesas Technology Corp SH7616 Datasheet HTML 263Page - Renesas Technology Corp SH7616 Datasheet HTML 264Page - Renesas Technology Corp SH7616 Datasheet HTML 265Page - Renesas Technology Corp SH7616 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 236 of 906
REJ09B0292-0200
6.3
Operation
6.3.1
User Break Operation Sequence
The sequence of operations from setting of break conditions to user break interrupt exception
handling is described below.
1. Set the break address in the break address register (BARA/BARB/BARC/BARD), the bits to
be masked in the break address mask register (BAMRA/BAMRB/BAMRC/BAMRD), the
break bits in the break data register (BDRC/BDRD), and the data to be masked in the break
data mask register (BDMRC/BDMRD).
Set the break bus conditions in the break bus cycle register (BBRA/BBRB/BBRC/BBRD).
Make three settings—CPU cycle/on-chip DMAC cycle select, instruction fetch/data access
select, and read/write select—for each of BBRA, BBRB, BBRC, and BBRD. A user break
interrupt will not be generated for a channel for which any one of these settings is 00.
Set the respective conditions in the corresponding BRCR register bits.
2. When a set condition is satisfied, the UBC sends a user break interrupt request to the interrupt
controller (INTC). The CPU condition match flag (CMFCA/CMFCB/CMFCC/CMFCD) and
DMAC condition match flag (CMFPA/CMFPB/CMFPC/CMFPD) is also set for the matched
condition for the respective channel.
3. The INTC determines the priority of the user break interrupt. As the priority level of a user
break interrupt is 15, the interrupt is accepted if the level set in the interrupt mask bits (I3 to I0)
in the status register (SR) is 14 or less. If the level set in bits I3 to I0 is 15, the user break
interrupt is not accepted, but is held pending until it can be. For details of priority
determination, see section 5, Interrupt Controller (INTC).
4. If the user break interrupt is accepted after its priority is determined, the CPU begins user
break interrupt exception handling.
5. Whether a set condition is matched or not can be ascertained from the respective condition
match flag (CMFCA, CMFPA, CMFCB, CMFPB, CMFCC, CMFPC, CMFCD, or CMFPD).
These flags are set by a match with the set condition, but are not reset. Therefore, if the setting
of a particular flag is to be checked again, the flag must be cleared by writing 0.
When an execution-times break is specified for channel C or D, the CMFCC, CMFPC,
CMFCD, or CMFPD flag is set when the number of executions matches the number of
executions specified by BETRC or BETRD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com