Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 235Page - Renesas Technology Corp SH7616 Datasheet HTML 236Page - Renesas Technology Corp SH7616 Datasheet HTML 237Page - Renesas Technology Corp SH7616 Datasheet HTML 238Page - Renesas Technology Corp SH7616 Datasheet HTML 239Page - Renesas Technology Corp SH7616 Datasheet HTML 240Page - Renesas Technology Corp SH7616 Datasheet HTML 241Page - Renesas Technology Corp SH7616 Datasheet HTML 242Page - Renesas Technology Corp SH7616 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 935 page
background image
Section 6 User Break Controller (UBC)
Rev. 2.00 Mar 09, 2006 page 213 of 906
REJ09B0292-0200
Break address mask register C (BAMRC) consists of two 16-bit readable/writable registers: break
address mask register CH (BAMRCH) and break address mask register CL (BAMRCL).
BAMRCH specifies which bits of the break address set in BARCH are to be masked, and
BAMRCL specifies which bits of the break address set in BARCL are to be masked. Operation
also depends on bits XYEC and XYSC in BBRC as shown below.
BAMRC Configuration
Upper 16 Bits
(BAMC31 to BAMC16)
Lower 16 Bits
(BAMC15 to BAMC0)
XYEC = 0
Address
Upper 16 bits maskable
Lower 16 bits maskable
XYEC = 1
X address
(when XYSC = 0)
Maskable
—
Y address
(when XYSC = 1
—
Maskable
Bit 31 to 0:
BAMCn
Description
0
Channel C break address bit BACn is included in break condition (Initial value)
1
Channel C break address bit BACn is masked, and not included in condition
Note: n = 31 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com