Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 248 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 248 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 244Page - Maxim Integrated Products DS26521 Datasheet HTML 245Page - Maxim Integrated Products DS26521 Datasheet HTML 246Page - Maxim Integrated Products DS26521 Datasheet HTML 247Page - Maxim Integrated Products DS26521 Datasheet HTML 248Page - Maxim Integrated Products DS26521 Datasheet HTML 249Page - Maxim Integrated Products DS26521 Datasheet HTML 250Page - Maxim Integrated Products DS26521 Datasheet HTML 251Page - Maxim Integrated Products DS26521 Datasheet HTML 252Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
248 of 258
12.2
JTAG Interface Timing
Table 12-5. JTAG Interface Timing
(VDD = 3.3V ±5%, TA = -40°C to +85°C.) (Note 1) (See Figure 12-12.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
JTCLK Clock Period
t1
1000
ns
JTCLK Clock High:Low Time
t2:t3
(Note 2)
50
500
ns
JTCLK to JTDI, JTMS Setup Time
t4
5
ns
JTCLK to JTDI, JTMS Hold Time
t5
2
ns
JTCLK to JTDO Delay
t6
2
50
ns
JTCLK to JTDO High-Impendance Delay
t7
2
50
ns
JTRST Width Low Time
t8
100
ns
Note 1:
The timing parameters in this table are guaranteed by design (GBD).
Note 2:
Clock can be stopped high or low.
Figure 12-12. JTAG Interface Timing Diagram
JTCLK
t1
JTD0
t4
t5
t2
t3
t7
JTDI, JTMS,
JTRST
t6
JTRST
t8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com