Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 254 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 254 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 250Page - Maxim Integrated Products DS26521 Datasheet HTML 251Page - Maxim Integrated Products DS26521 Datasheet HTML 252Page - Maxim Integrated Products DS26521 Datasheet HTML 253Page - Maxim Integrated Products DS26521 Datasheet HTML 254Page - Maxim Integrated Products DS26521 Datasheet HTML 255Page - Maxim Integrated Products DS26521 Datasheet HTML 256Page - Maxim Integrated Products DS26521 Datasheet HTML 257Page - Maxim Integrated Products DS26521 Datasheet HTML 258Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 254 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
254 of 258
13.2
Instruction Register
The instruction register contains a shift register as well as a latched parallel output and is 3 bits in length. When the
TAP controller enters the Shift-IR state, the instruction shift register will be connected between JTDI and JTDO.
While in the Shift-IR state, a rising edge on JTCLK with JTMS LOW will shift the data one stage towards the serial
output at JTDO. A rising edge on JTCLK in the Exit1-IR state or the Exit2-IR state with JTMS HIGH will move the
controller to the Update-IR state. The falling edge of that same JTCLK will latch the data in the instruction shift
register to the instruction parallel output. Instructions supported by the DS26521 and its respective operational
binary codes are shown in Table 13-1.
Table 13-1. Instruction Codes for IEEE 1149.1 Architecture
INSTRUCTION
SELECTED REGISTER
INSTRUCTION CODES
SAMPLE:PRELOAD
Boundary Scan
010
BYPASS
Bypass
111
EXTEST
Boundary Scan
000
CLAMP
Bypass
011
HIGHZ
Bypass
100
IDCODE
Device Identification
001
13.2.1 SAMPLE:PRELOAD
This is a mandatory instruction for the IEEE 1149.1 specification. This instruction supports two functions. The
digital I/Os of the device can be sampled at the boundary scan register without interfering with the normal operation
of the device by using the Capture-DR state. SAMPLE:PRELOAD also allows the device to shift data into the
boundary scan register via JTDI using the Shift-DR state.
13.2.2 BYPASS
When the BYPASS instruction is latched into the parallel instruction register, JTDI connects to JTDO through the
one-bit bypass test register. This allows data to pass from JTDI to JTDO without affecting the device’s normal
operation.
13.2.3 EXTEST
This allows testing of all interconnections to the device. When the EXTEST instruction is latched in the instruction
register, the following actions occur. Once enabled via the Update-IR state, the parallel outputs of all digital output
pins will be driven. The boundary scan register will be connected between JTDI and JTDO. The Capture-DR will
sample all digital inputs into the boundary scan register.
13.2.4 CLAMP
All digital outputs of the device will output data from the boundary scan parallel output while connecting the bypass
register between JTDI and JTDO. The outputs will not change during the CLAMP instruction.
13.2.5 HIGHZ
All digital outputs of the device will be placed in a high-impedance state. The BYPASS register will be connected
between JTDI and JTDO.
13.2.6 IDCODE
When the IDCODE instruction is latched into the parallel instruction register, the identification test register is
selected. The device identification code will be loaded into the identification register on the rising edge of JTCLK
following entry into the Capture-DR state. Shift-DR can be used to shift the identification code out serially via
JTDO. During Test-Logic-Reset, the identification code is forced into the instruction register’s parallel output. The
ID code will always have a 1 in the LSB position. The next 11 bits identify the manufacturer’s JEDEC number and
number of continuation bytes followed by 16 bits for the device and 4 bits for the version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com