Electronic Components Datasheet Search
  English  ▼

X  

DS26521 Datasheet(PDF) 255 Page - Maxim Integrated Products

Part # DS26521
Description  Single T1/E1/J1 Transceiver
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS26521 Datasheet(HTML) 255 Page - Maxim Integrated Products

Back Button DS26521 Datasheet HTML 250Page - Maxim Integrated Products DS26521 Datasheet HTML 251Page - Maxim Integrated Products DS26521 Datasheet HTML 252Page - Maxim Integrated Products DS26521 Datasheet HTML 253Page - Maxim Integrated Products DS26521 Datasheet HTML 254Page - Maxim Integrated Products DS26521 Datasheet HTML 255Page - Maxim Integrated Products DS26521 Datasheet HTML 256Page - Maxim Integrated Products DS26521 Datasheet HTML 257Page - Maxim Integrated Products DS26521 Datasheet HTML 258Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 255 / 258 page
background image
DS26521 Single T1/E1/J1 Transceiver
255 of 258
13.3
JTAG ID Codes
Table 13-2. ID Code Structure
DEVICE
REVISION
ID[31:28]
DEVICE CODE
ID[27:12]
MANUFACTURER’S CODE
ID[11:1]
REQUIRED
ID[0]
DS26521
Consult factory
0000000010001000
00010100001
1
DS26522
Consult factory
0000000010001001
00010100001
1
13.4
Test Registers
IEEE 1149.1 requires a minimum of two test registers: the bypass register and the boundary scan register. An
optional test register has been included with the DS26521 design. This test register is the identification register and
is used in conjunction with the IDCODE instruction and the Test-Logic-Reset state of the TAP controller.
13.4.1 Boundary Scan Register
This register contains both a shift register path and a latched parallel output for all control cells and digital I/O cells,
and is n bits in length.
13.4.2 Bypass Register
This is a single one-bit shift register used in conjunction with the BYPASS, CLAMP, and HIGHZ instructions, which
provides a short path between JTDI and JTDO.
13.4.3 Identification Register
The identification register contains a 32-bit shift register and a 32-bit latched parallel output. This register is
selected during the IDCODE instruction and when the TAP controller is in the Test-Logic-Reset state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com