Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9558 Datasheet HTML 31Page - Analog Devices AD9558 Datasheet HTML 32Page - Analog Devices AD9558 Datasheet HTML 33Page - Analog Devices AD9558 Datasheet HTML 34Page - Analog Devices AD9558 Datasheet HTML 35Page - Analog Devices AD9558 Datasheet HTML 36Page - Analog Devices AD9558 Datasheet HTML 37Page - Analog Devices AD9558 Datasheet HTML 38Page - Analog Devices AD9558 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 35 of 104
SYSTEM CLOCK (SYSCLK)
SYSTEM CLOCK INPUTS
Functional Description
The SYSCLK circuit provides a low jitter, stable, high frequency
clock for use by the rest of the chip. The XOA and XOB pins
connect to the internal SYSCLK multiplier. The SYSCLK multiplier
can synthesize the system clock by connecting a crystal resonator
across the XOA and XOB input pins or by connecting a low
frequency clock source. The optimal signal for the system clock
input is either a crystal in the 50 MHz range or an ac-coupled
square wave with a 1 V p-p amplitude.
System Clock Period
For the AD9558 to accurately measure the frequency of incoming
reference signals, the user must enter the system clock period
into the nominal system clock period registers (Register 0x0103
to Register 0x0105). The SYSCLK period is entered in units of
nanoseconds (ns).
System Clock Details
There are two internal paths for the SYSCLK input signal: low
frequency non-xtal (LF) and crystal resonator (XTAL).
Using a TCXO for the system clock is a common use for the LF
path. Applications requiring DPLL loop bandwidths of less
than 50 Hz or high stability in holdover require a TCXO. As an
alternative to the 49.152 MHz crystal for these applications, the
AD9558 reference design uses a 19.2 MHz TCXO, which offers
excellent holdover stability and a good combination of low jitter
and low spurious content.
The 1.8 V differential receiver connected to the XOA and XOB
pins is self-biased to a dc level of ~1 V, and ac coupling is strongly
recommended. When a 3.3 V CMOS oscillator is in use, it is
important to use a voltage divider to reduce the input high
voltage to a maximum of 1.8 V. See Figure 34 for details on
connecting a 3.3 V CMOS TCXO to the system clock input.
The non-xtal input path permits the user to provide an LVPECL,
LVDS, 1.8 V CMOS, or sinusoidal low frequency clock for
multiplication by the integrated SYSCLK PLL. The LF path handles
input frequencies from 3.5 MHz up to 100 MHz. However,
when using a sinusoidal input signal, it is best to use a frequency
that is in excess of 20 MHz. Otherwise, the resulting low slew
rate can lead to substandard noise performance. Note that the
non-xtal path includes an optional 2× frequency multiplier to
double the rate at the input to the SYSCLK PLL and potentially
reduce the PLL in-band noise. However, to avoid exceeding the
maximum PFD rate of 150 MHz, the 2× frequency multiplier is
only for input frequencies that are below 75 MHz.
The non-xtal path also includes an input divider (M) that is
programmable for divide-by-1, -2, -4, or -8. The purpose of the
divider is to limit the frequency at the input to the PLL to less
than 150 MHz (the maximum PFD rate).
The XTAL path enables the connection of a crystal resonator
(typically 10 MHz to 50 MHz) across the XOA and XOB input
pins. An internal amplifier provides the negative resistance
required to induce oscillation. The internal amplifier expects an
AT cut, fundamental mode crystal with a maximum motional
resistance of 100 Ω. The following crystals, listed in alphabetical
order, may meet these criteria. Analog Devices, Inc., does not
guarantee their operation with the AD9558 nor does Analog
Devices endorse one crystal supplier over another. The AD9558
reference design uses a 49.152 MHz crystal, which is high
performance, low spurious content, and readily available.
•
AVX/Kyocera CX3225SB
•
ECS ECX-32
•
Epson/Toyocom TSX-3225
•
Fox FX3225BS
•
NDK NX3225SA
•
Siward SX-3225
•
Suntsu SCM10B48-49.152 MHz
SYSTEM CLOCK MULTIPLIER
The SYSCLK PLL multiplier is an integer-N design with an
integrated VCO. It provides a means to convert a low frequency
clock input to the desired system clock frequency, fSYS (750 MHz
to 805 MHz). The SYSCLK PLL multiplier accepts input signals
of between 3.5 MHz and 600 MHz, but frequencies that are in
excess of 150 MHz require the system clock P-divider to ensure
compliance with the maximum PFD rate (150 MHz). The PLL
contains a feedback divider (N) that is programmable for divide
values between 4 and 255.
Pdiv
sysclk
Ndiv
sysclk
f
f
OSC
SYS
_
_
×
=
where:
fOSC is the frequency at the XOA and XOB pins.
sysclk_Ndiv is the value stored in Register 0x0100.
sysclk_Pdiv is the system clock P divider that is determined by
the setting of Register 0x0101[2:1].
If the system clock doubler is used, the value of sysclk_Ndiv
should be half of its original value.
The system clock multiplier features a simple lock detector that
compares the time difference between the reference and feedback
edges. The most common cause of the SYSCLK multiplier not
locking is a non-50% duty cycle at the SYSCLK input while the
system clock doubler is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com