Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 97 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9558 Datasheet HTML 93Page - Analog Devices AD9558 Datasheet HTML 94Page - Analog Devices AD9558 Datasheet HTML 95Page - Analog Devices AD9558 Datasheet HTML 96Page - Analog Devices AD9558 Datasheet HTML 97Page - Analog Devices AD9558 Datasheet HTML 98Page - Analog Devices AD9558 Datasheet HTML 99Page - Analog Devices AD9558 Datasheet HTML 100Page - Analog Devices AD9558 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 97 of 104
Table 112. Digital PLL Lock Detect Tub Levels1
Address
Bits
Bit Name
Description
0x0D11
[7:0]
Read-only digital PLL lock detect bathtub level, Bits[7:0]; see the DPLL Frequency Lock Detector
section for details.
0x0D12
[7:4]
Reserved.
[3:0]
Phase tub
Read-only digital PLL lock detect bathtub level, Bits[11:8]; see the DPLL Frequency Lock
Detector section for details.
0x0D13
[7:0]
Frequency tub
Read-only digital PLL lock detect bathtub level, Bits[7:0]; see the DPLL Phase Lock Detector
section for details.
0x0D14
[7:4]
Reserved
Reserved.
[3:0]
Frequency tub
Read-only digital PLL lock detect bathtub level, Bits[11:8]; see the DPLL Phase Lock Detector
section for details.
1These registers contain the current digital PLL lock detection bathtub levels.
EEPROM CONTROL (REGISTER 0x0E00 TO REGISTER 0x0E03)
Table 113. EEPROM Control
Address
Bits
Bit Name
Description
[7:1]
Reserved
Reserved.
0x0E00
0
Write enable
EEPROM write enable/protect.
0 (default) = EEPROM write protected.
1 = EEPROM write enabled.
[7:4]
Reserved
Reserved.
0x0E01
[3:0]
Conditional value
When set to a non-zero value, it establishes the condition for EEPROM downloads. Default: 0b.
[7:1]
Reserved
Reserved.
0x0E02
0
Save to EEPROM
Upload data to the EEPROM based on the EEPROM Storage Sequence (Register 0x0E10 to
Register 0x0E3C) section.
[7:2]
Reserved
Reserved.
1
Load from EPROM
Downloads data from the EEPROM.
0x0E03
0
Reserved
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com