Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9558 Datasheet HTML 22Page - Analog Devices AD9558 Datasheet HTML 23Page - Analog Devices AD9558 Datasheet HTML 24Page - Analog Devices AD9558 Datasheet HTML 25Page - Analog Devices AD9558 Datasheet HTML 26Page - Analog Devices AD9558 Datasheet HTML 27Page - Analog Devices AD9558 Datasheet HTML 28Page - Analog Devices AD9558 Datasheet HTML 29Page - Analog Devices AD9558 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 26 of 104
GETTING STARTED
CHIP POWER MONITOR AND STARTUP
The AD9558 monitors the voltage on the power supplies at
power-up. When DVDD3 is greater than 2.35 V ± 0.1 V and
DVDD and AVDD are greater than 1.4 V ± 0.05 V, the device
generates a 20 ms reset pulse. The power-up reset pulse is internal
and independent of the RESET pin. This internal power-up reset
sequence eliminates the need for the user to provide external power
supply sequencing. Within 45 ns after the leading edge of the
internal reset pulse, the M7 to M0 multifunction pins behave
as high impedance digital inputs and continue to do so until
programmed otherwise. The delay on the M7 to M0 pin function
change is 45 ns for pin reset or soft reset.
During a device reset (either via the power-up reset pulse or the
RESET pin), the multifunction pins (M7 to M0) behave as high
impedance inputs, but upon removal of the reset condition,
level-sensitive latches capture the logic pattern present on the
multifunction pins.
MULTIFUNCTION PINS AT RESET/POWER-UP
The AD9558 requires the user to supply the desired logic state
to the PINCONTROL pin, as well as to the M7 to M0 pins. If
PINCONTROL is high, the part is in hard pin programming
mode. See the Pin Program Function Description section for
details on hard pin programming.
At startup, there are three choices for the M7 to M0 pins: pull-
up, pull-down, and floating. If the PINCONTROL pin is low,
the M7 to M0 pins determine the following configurations:
•
Following a reset, the M1 and M0 pins determine whether
the serial port interface behaves according to the SPI or I2C
protocol. Specifically, M0 = M1 = low selects the SPI
interface, and any other value selects the I2C port. The 3-
level logic of M1 and M0 allows the user to select eight
possible I2C addresses (see Table 24).
•
The M3 and M2 pins select which of the eight possible
EEPROM profiles are loaded, or if the EEPROM loading is
bypassed. Leaving M3 and M2 floating at startup bypasses
the EEPROM loading, and the factory defaults are used
instead (see Table 22).
DEVICE REGISTER PROGRAMMING WHEN USING
A REGISTER SETUP FILE
The evaluation software contains a programming wizard and
a convenient graphical user interface that assists the user in
determining the optimal configuration for the DPLL, APLL,
and SYSCLK based on the desired input and output frequencies.
It generates a register setup file with a .STP extension that is
easily readable using a text editor.
After using the evaluation software to create the setup file, use
the following sequence to program the AD9557 once:
1.
Register 0x0A01 = 0x20 (set user free run mode).
2.
Register 0x0A02 = 0x02 (hold outputs in static SYNC).
(Skip this step if using SYNC on DPLL phase lock or SYNC
on DPLL frequency lock. See Register 0x0500[1:0].)
3.
Register 0x0405 = 0x20 (clear APLL VCO calibration).
4.
Write the register values in the STP file from Address 0x0000
to Address 0x032E.
5.
Register 0x0005 = 0x01 (update all registers).
6.
Write the rest of the registers in the STP file, starting at
Address 0x0400.
7.
Register 0x0405 = 0x21 (calibrate APLLon next I/O update).
8.
Register 0x0403 = 0x07 (configure APLL).
9.
Register 0x0400 = 0x81 (configure APLL).
10. Register 0x0005 = 0x01 (update all registers).
11. Register 0x0A01[5] = 0b (clear user free run mode).
12. Register 0x0005 = 0x01 (update all registers).
REGISTER PROGRAMMING OVERVIEW
This section provides an overview of the register blocks in the
AD9558, describing what they do and why they are important.
Registers Differing from Defaults for Optimal Performance
Ensure that the following registers are programmed to the listed
values for optimal performance:
•
Register 0x0405[7:4] = 0x2
•
Register 0x0403 = 0x07
•
Register 0x0400 = 0x81
If the silicon revision (Register 0x000A) equals 0x21 or higher,
the values listed here are already the default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com