Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 84 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 84 Page - Analog Devices

Back Button AD9558 Datasheet HTML 80Page - Analog Devices AD9558 Datasheet HTML 81Page - Analog Devices AD9558 Datasheet HTML 82Page - Analog Devices AD9558 Datasheet HTML 83Page - Analog Devices AD9558 Datasheet HTML 84Page - Analog Devices AD9558 Datasheet HTML 85Page - Analog Devices AD9558 Datasheet HTML 86Page - Analog Devices AD9558 Datasheet HTML 87Page - Analog Devices AD9558 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
AD9558
Data Sheet
Rev. A | Page 84 of 104
Table 73. Clock Distribution Channel 3 and OUT5 Driver Settings
Address
Bits
Bit Name
Description
7
Enable 3.3 V CMOS driver
0 (default) = disable 3.3 V CMOS driver; the OUT5 1.8 V logic is controlled by Register 0x050F[6:4].
1 = enable 3.3 V CMOS driver as operating mode of OUT5.
This bit should be enabled only if Bits[6:4] are in CMOS mode.
[6:4]
OUT5 format
This control is valid when Register 0x050F[7] = 0; when Register 0x050F[7] = 1, OUT5 is in 3.3 V
CMOS mode and these bits are ignored.
Select the operating mode of OUT5.
000 = PD, tristate.
001 (default) = HSTL.
010 = LVDS.
011 = reserved.
100 = CMOS, both outputs active.
101 = CMOS, P output active, N output power-down.
110 = CMOS, N output active, P output power-down.
111 = reserved.
[3:2]
OUT5 polarity
Control the OUT5 polarity.
00 (default) = positive, negative.
01 = positive, positive.
10 = negative, positive.
11 = negative, negative.
1
OUT5 drive strength
Controls the output drive capability of OUT5.
0 (default) = CMOS: low drive strength, LVDS: 3.5 mA nominal.
1 = CMOS: normal drive strength, LVDS: 4.5 mA nominal (LVDS boost mode).
Note that this is only in 3.3 V CMOS mode for CMOS strength.
1.8 V CMOS has only the low drive strength.
0x050F
0
OUT5 enable
Enables/disables (1b/0b) OUT5 1.8 V driver (default is disabled).
This bit does not enable/disable OUT5 if Bit 7 of this register is set.
0x0510
[7:0]
Channel 3, Divider 1 (M3)
division ratio
10-bit channel divider, Bits[7:0] (LSB) (default: 0x03).
Division equals channel divider, Bits[9:0] + 1.
(Bits[9:0] = 0 is divide-by-1, Bits[9:0] = 1 is divide-by-2…Bits[9:0] = 1023 is divide-by-1024).
[7:2]
Reserved
Reserved.
0x0511
[1:0]
Channel 3, Divider 1 (M3)
division ratio
10-bit channel divider, Bits[9:8] (MSB) (default: 0x00).
0x0512
[7:0]
Channel 3, Divider 2
(M3b) division ratio
10-bit channel divider, Bits[7:0] (LSB).
Division equals channel divider bits[9:0] + 1 .
(Bits[9:0] = 0 is divide-by-1, Bits[9:0] = 1 is divide-by-2…Bits[9:0] = 1023 is divide-by-1024).
[7:4]
Reserved
Reserved.
4
Channel 3 doubler
0 (default) = normal operation.
1 = enables Channel 3 clock doubler. This bit activates an internal clock doubler that doubles
the frequency of the Channel 3 divider. In this mode, Channel 3, Divider 2 is bypassed.
3
PD Channel 3
0 (default) = normal operation.
1 = powers down Channel 3.
2
Select RF divider
for Channel 2
1 = selects RF Divider 2 as prescaler for the Channel 3 divider.
0 (default) = selects RF Divider 1 as a prescaler for the Channel 3 divider.
0x0513
[1:0]
Channel 3, Divider 2
(M3b) division ratio
10-bit channel divider, Bits[9:8] (MSB).
0x0514
[7:0]
Channel 3, Divider 1 (M3)
phase
The same control for Channel 3, Divider 1 phase as found in Register 0x0504 for Channel 0
divider phase (default: 0x00).
0x0515
[7:0]
Channel 3, Divider 2
(M3b) phase
The same control for Channel 3, Divider 2 phase as found in Register 0x0504 for Channel 0
divider phase (default: 0x00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com