Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 85 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9558 Datasheet HTML 81Page - Analog Devices AD9558 Datasheet HTML 82Page - Analog Devices AD9558 Datasheet HTML 83Page - Analog Devices AD9558 Datasheet HTML 84Page - Analog Devices AD9558 Datasheet HTML 85Page - Analog Devices AD9558 Datasheet HTML 86Page - Analog Devices AD9558 Datasheet HTML 87Page - Analog Devices AD9558 Datasheet HTML 88Page - Analog Devices AD9558 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 85 of 104
REFERENCE INPUTS (REGISTER 0x0500 TO REGISTER 0x0507)
Table 74. Reference Power-Down1
Address
Bits
Bit Name
Description
[7:4]
Reserved
Default: 0x0
3
REFD power-down
Power down REFD input receiver (default: not powered down).
2
REFC power-down
Power down REFC input receiver (default: not powered down).
1
REFB power-down
Power down REFB input receiver (default: not powered down).
0x0600
0
REFA power-down
Power down REFA input receiver (default: not powered down).
1 When all bits are set the reference receiver section enters a deep sleep mode.
Table 75. Reference Logic Family
Address
Bits
Bit Name
Description
[7:6]
REFD logic family
Select logic family for REFD input receiver; only REFD_P is used in CMOS mode
00 (default) = differential
01 = 1.2 V to 1.5 V CMOS
10 = 1.8 V to 2.5 V CMOS
11 = 3.0 V to 3.3 V CMOS
[5:4]
REFC logic family
Same as Register 0x0601[7:6] for REFC
[3:2]
REFB logic family
Same as Register 0x0601[7:6] for REFB
0x0601
[1:0]
REFA logic family
Same as Register 0x0601[7:6] for REFA
Table 76. Reference Priority Setting
Address
Bits
Bit Name
Description
0x0602
[7:6]
REFD priority family
User-assigned priority level (0 to 3) of the reference associated with REFB, which ranks that
reference relative to the others.
00 (default) = 0.
01 = 1.
10 = 2.
11 = 3.
[5:4]
REFC priority family
Same as Register 0x0602[7:6] for REFC.
[3:2]
REFB priority family
Same as Register 0x0602[7:6] for REFB.
[1:0]
REFA priority family
Same as Register 0x0602[7:6] for REFA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com