Electronic Components Datasheet Search
  English  ▼

X  

AD9558 Datasheet(PDF) 69 Page - Analog Devices

Part # AD9558
Description  Quad Input Multiservice Line Card Adaptive
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9558 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9558 Datasheet HTML 65Page - Analog Devices AD9558 Datasheet HTML 66Page - Analog Devices AD9558 Datasheet HTML 67Page - Analog Devices AD9558 Datasheet HTML 68Page - Analog Devices AD9558 Datasheet HTML 69Page - Analog Devices AD9558 Datasheet HTML 70Page - Analog Devices AD9558 Datasheet HTML 71Page - Analog Devices AD9558 Datasheet HTML 72Page - Analog Devices AD9558 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
Data Sheet
AD9558
Rev. A | Page 69 of 104
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
Operational Controls
0x0A00
Power-down
Soft reset
exclude
regmap
DCO PD
SYSCLK
PD
Ref input
PD
TDC PD
APLL PD
Clock dist PD
Full PD
00
0x0A01
Loop mode
Reserved
User
holdover
User
freerun
REF switchover mode[2:0]
User ref in manual
switchover mode
00
0x0A02
Cal/sync
Reserved
Soft sync
clock dist
Reserved
00
0x0A03
A
Clear/reset
functions
Reserved
Clear LF
Clear CCI
Reserved
Clear auto
sync
Clear TW
history
Clear all IRQs
Clear watchdog
00
0x0A04
A
IRQ clearing
Reserved
Reserved
SYSCLK
unlocked
SYSCLK
locked
APLL
unlocked
APLL
locked
APLL cal ended
APLL cal
started
00
0x0A05
A
Reserved
Pin
program
end
Sync clock
dist
Watchdog
timer
EEPROM fault
EEPROM
complete
00
0x0A06
A
Switching
Closed
Freerun
Holdover
Frequency
unlocked
Frequency
locked
Phase
unlocked
Phase
locked
00
0x0A07
A
Reserved
History
updated
Frequency
unclamped
Frequency
clamped
Phase slew
unlimited
Phase slew
limited
00
0x0A08
A
Reserved
REFB
validated
REFB fault
cleared
REFB fault
Reserved
REFA
validated
REFA fault
cleared
REFA fault
00
0x0A09
A
Reserved
REFD
validated
REFD
fault
cleared
REFD fault
Reserved
REFC
validated
REFC fault
cleared
REFC fault
00
0x0A0A
A
Increment
phase offset
Reserved
Reset
phase
offset
Decrement
phase offset
Increment
phase offset
00
0x0A0B
A
Manual
reference
validation
Reserved
Force
Timeout D
Force
Timeout C
Force
Timeout B
Force
Timeout A
00
0x0A0C
Manual
reference
invalidation
Reserved
REF Mon
Override D
REF Mon
Override C
REF Mon
Override B
REF Mon
Override A
00
0x0A0D
Static
reference
validation
Reserved
REF Mon
Bypass D
REF Mon
Bypass C
REF Mon
Bypass B
REF Mon
Bypass A
00
Quick In-Out Frequency Soft Pin Configuration
0x0C00
L, E
Enable
Soft Pin
Section 1
Reserved
En Soft Pin
Section 1
00
0x0C01
L, E
Soft Pin
Section 1
Output frequency selection[3:0]
Input frequency selection[3:0]
00
0x0C02
L, E
Reserved
SYSCLK PLL REF selection[1:0]
00
0x0C03
L, E
Enable
Soft Pin
Section 2
Reserved
En Soft Pin
Section 2
00
0x0C04
L, E
Soft Pin
Section 2
REFD frequency scale[1:0]
REFC frequency
scale[1:0]
REFB frequency scale[1:0]
REFA frequency scale[1:0]
00
0x0C05
L, E
Channel 3 output frequency
scale[1:0]
Channel 2 output
frequency scale[1:0]
Channel 1 output frequency
scale[1:0]
Channel 0 output frequency
scale[1:0]
00
0x0C06
L, E
Reserved
Sel high
PM base
loop filter
DPLL BW[1:0]
REF tolerance[1:0]
00
0x0C07
L, A,
E
Reserved
Soft pin start
transfer
00
0x0C08
L, E
Reserved
Soft pin reset
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com